ABC-5-R
AI

The **ABC-5-R** is a specific model of a small-dimension cartridge fuse commonly used in industrial, commercial, and consumer electronics to protect circuits from overcurrent conditions.
---
## 1. Technical Specifications
The "ABC" series is known for its **ceramic tube construction**, which allows for higher pressure and better interrupt ratings compared to glass fuses.
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 5 Amperes |
| **Voltage Rating (AC)** | 250 VAC |
| **Voltage Rating (DC)** | 125 VDC |
| **Fuse Speed** | Fast-Acting (F) |
| **Body Material** | Ceramic |
| **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) |
| **Termination Style** | Cartridge (Ferrule) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific properties of the electronic part:
* **ABC**: The Series name. Indicates a fast-acting ceramic tube fuse.
* **5**: The Ampere rating (5A).
* **-R**: Indicates **RoHS compliance** (Lead-free and environmentally compliant).
---
## 3. Key Electronic Characteristics
### Fast-Acting Performance
Unlike "Time-Delay" or "Slow-Blow" fuses, the ABC-5-R is designed to open very quickly when it detects an overload or short circuit. This protects sensitive electronic components that cannot withstand overcurrent for even a fraction of a second.
### Ceramic vs. Glass
While the physical size (3AG/1AG) is identical to common glass fuses (like the AGC series), the **Ceramic body** of the ABC-5-R provides:
* **Higher Interrupting Rating:** It can safely break a circuit with much higher fault currents without the fuse body shattering.
* **Arc Suppression:** The tube is often filled with granular material (like sand) to extinguish the internal arc quickly.
---
## 4. Typical Applications
* **Power Supplies:** Protecting the input stage of AC/DC converters.
* **Industrial Control Panels:** Used in PLCs and control circuits.
* **Instruments:** Protection for multimeters and laboratory equipment.
* **Appliances:** High-draw appliances where a glass fuse might be prone to bursting under high-fault conditions.
- ⤷
What is the difference between an ABC and an AGC fuse?
- ⤷ Can I replace a slow-blow fuse with an ABC-5-R?
- ⤷ What is the interrupt rating (AIC) of the ABC-5-R at 250VAC?