データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ABC-6-R

  • AI
    ## ABC-6-R Electronic Component Analysis The **ABC-6-R** is a specific model of a small-dimension cylindrical fuse manufactured by **Eaton (Bussmann Series)**. It is a fast-acting ceramic tube fuse designed for high-performance circuit protection. --- ### Technical Specifications Below are the primary technical characteristics of the ABC-6-R: | Attribute | Specification | | :--- | :--- | | **Current Rating** | 6 Amperes (6A) | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Fuse Type** | Fast-Acting / Fast-Blow | | **Body Material** | Ceramic | | **Dimensions** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **Interrupt Rating** | 200A at 250VAC / 10,000A at 125VAC | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### Key Features and Construction 1. **Ceramic Body**: Unlike glass fuses, the ceramic body allows for a higher interrupting rating. This means the fuse can safely clear a much higher fault current without the body shattering. 2. **Fast-Acting Characteristic**: The ABC series is designed to open (blow) quickly when a short circuit or overload occurs. This protects sensitive electronic components that cannot withstand overcurrent for even a fraction of a second. 3. **The "-R" Suffix**: In the Bussmann numbering system, the "R" stands for **RoHS compliance**, meaning the part is lead-free and meets environmental safety standards. 4. **Nickel-Plated Brass Endcaps**: These ensure high conductivity and resistance to corrosion over time. --- ### Common Applications The ABC-6-R is typically used in industrial and commercial electronics where high breaking capacity is required: * **Power Supplies**: Protecting the input or output stages of SMPS. * **Test Equipment**: Multimeters and oscilloscopes. * **Control Panels**: Industrial automation and PLC protection. * **Appliances**: High-end consumer electronics. --- ### Comparison: ABC vs. AGC Series It is common to confuse the **ABC** series with the **AGC** series. | Feature | ABC-6-R | AGC-6-R | | :--- | :--- | :--- | | **Body Material** | Ceramic (Opaque) | Glass (Transparent) | | **Interrupt Rating** | High | Low | | **Visual Check** | Cannot see if blown | Can see broken filament | **Safety Note:** You can often replace an AGC (glass) fuse with an ABC (ceramic) fuse, but you should **never** replace an ABC fuse with an AGC fuse, as the glass may not be able to handle the potential fault current of the circuit.
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a time-delay fuse in this series?
    • ⤷ How do I test if an ABC-6-R fuse is blown using a multimeter?
    • ⤷ Are there specific fuse holders recommended for the 6.3mm x 32mm size?