データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ABM2-R6AA2-R/Q

  • AI
    The **ABM2-R6AA2-R/Q** is a specific surface-mount (SMD) Quartz Crystal unit designed for frequency control and timing applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The ABM2 series consists of low-profile, ceramic-packaged crystals. The specific suffix `R6AA2-R/Q` denotes a variation typically intended for automotive or high-reliability applications, often meeting **AEC-Q200** standards. | Feature | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal (Passive Resonator) | | **Package Size** | 8.0 x 4.5 x 1.4 mm (Ceramic SMD) | | **Fundamental Frequency** | Typically 8.000 MHz (Varies by specific dash code) | | **Load Capacitance** | 18pF (Standard for this series) | | **Frequency Tolerance** | ±30 ppm | | **Operating Temp Range** | -40°C to +85°C (Industrial/Automotive Grade) | --- ## 2. Key Electrical Characteristics These parts are designed for stability and low Equivalent Series Resistance (ESR), which ensures the oscillator circuit starts reliably. ### A. Equivalent Series Resistance (ESR) For the ABM2 series at standard frequencies (e.g., 8MHz to 10MHz), the ESR is generally low: * **8.0 MHz – 9.9 MHz:** < 80 Ω * **10.0 MHz – 15.9 MHz:** < 60 Ω * **16.0 MHz – 50.0 MHz:** < 50 Ω ### B. Drive Level * **Standard:** 10µW * **Maximum:** 100µW * *Note: Exceeding the maximum drive level can cause frequency aging or physical damage to the crystal blank.* ### C. Shunt Capacitance ($C_0$) * **Maximum:** 7.0 pF --- ## 3. Physical Layout and Pinout The ABM2 package features 4 pads, but it is a 2-terminal resonator. The internal wiring typically connects the crystal to two pads while the others may be grounded to the metal lid for EMI reduction. | Pad # | Function | | :--- | :--- | | **Pad 1** | Crystal Terminal / Input | | **Pad 2** | GND (Metal Lid Connection) | | **Pad 3** | Crystal Terminal / Output | | **Pad 4** | GND (Metal Lid Connection) | --- ## 4. Part Number Breakdown (Suffix Logic) * **ABM2:** Series identifier (8.0x4.5mm). * **R6:** Specific frequency or stability code (Internal manufacturer code). * **AA:** Tolerance and Stability identifiers (often ±30ppm / ±30ppm). * **-R:** RoHS Compliant / Tape & Reel packaging. * **-Q:** Denotes **AEC-Q200** qualification (Automotive grade), meaning the part has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance. --- ## 5. Typical Applications 1. **Automotive Systems:** Infotainment, ADAS, and Body Control Modules (BCM). 2. **Industrial Control:** Microprocessor clocks for PLCs and sensors. 3. **Communication:** Basic timing for Ethernet or USB controllers. 4. **Consumer Electronics:** High-durability appliances.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the AEC-Q200 qualification for this crystal?
    • ⤷ How does the load capacitance affect the frequency accuracy of the ABM2?
    • ⤷ What are the soldering profile requirements for this SMD ceramic package?