データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ABW401-R

  • AI
    The **ABW401-R** is a specific model of industrial control switch, part of the **TW series** manufactured by **IDEC Corporation**. It is widely used in automation panels and machinery for manual control. Below is a detailed breakdown of its electronic and mechanical parts. ### 1. General Specifications The ABW401-R is a non-illuminated, momentary push button. | Component | Specification | | :--- | :--- | | **Series** | TW Series (Heavy Duty) | | **Mounting Hole** | 22mm (ø 22.3 mm) | | **Button Shape** | Extended (Mushroom-style height, but narrow diameter) | | **Color** | Red (R) | | **Action** | Momentary (Spring Return) | | **Contact Configuration** | 1NC (Normally Closed) | --- ### 2. Detailed Electronic Parts Breakdown #### A. Contact Block (The Switching Element) The electronic heart of the device is the contact block attached to the back of the operator. * **1NC Configuration:** In its resting state, the circuit is closed (conducting). Pressing the button breaks the circuit. * **Self-Cleaning Action:** IDEC uses a "rolling action" on the contacts which helps wipe away dust and oxidation every time the switch is toggled. * **Material:** Usually silver-based alloy for high conductivity and durability. #### B. Terminal Design * **Screw Terminals:** It features M3.5 terminal screws with "captive" wire clamps, allowing for easy wiring with ring or spade lugs. * **Safety:** Often includes an integrated finger-safe terminal cover (IP20 rating) to prevent accidental shock. #### C. Electrical Ratings The device is rated for industrial AC and DC loads: * **Thermal Current ($I_{th}$):** 10A * **Insulation Voltage ($U_i$):** 600V * **Operating Voltage:** Typically rated for 120V AC (6A), 240V AC (3A), and various DC ranges. --- ### 3. Mechanical & Physical Construction * **Operator (Button):** The "Red" cap is made of high-impact plastic. Because it is "Extended," it sits higher than a flush button, making it easier to press with gloves. * **Locking Lever:** IDEC's TW series features a patented "Snap-On" locking lever. This allows the contact blocks to be removed or added without tools. * **Gasket/Seal:** A rubber nitrile gasket ensures an **IP65** (NEMA 4X) rating, making the part water-tight and oil-tight from the front of the panel. --- ### 4. Typical Applications The ABW401-R is most commonly used as a: 1. **Stop Button:** Since it is Red and 1NC, it is standard for "Stop" commands (note: this is not a latching Emergency Stop). 2. **Safety Interlock:** To temporarily break power to a relay or PLC input. 3. **Manual Reset:** Used to reset a fault condition in a control circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ABW401-R and the ABW411-R?
    • ⤷ Can additional contact blocks be added to this specific model?
    • ⤷ Is this button suitable for an Emergency Stop (E-Stop) function?