データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AC-AC1-R

  • AI
    The **AC-AC1-R** typically refers to a specific series of **Solid State Relays (SSR)** or AC-to-AC power control modules. These components are designed to switch AC loads using an AC control signal, offering a silent, wear-free alternative to traditional mechanical relays. --- ### 1. Technical Specifications Overview The "AC-AC" designation indicates that both the **Input (Control)** and **Output (Load)** operate on Alternating Current. | Parameter | typical Specification | | :--- | :--- | | **Input Voltage (Control)** | 80V - 280V AC | | **Output Voltage (Load)** | 24V - 480V AC | | **Current Rating** | 10A, 25A, 40A (varies by model) | | **Switching Type** | Zero-Cross Triggering | | **Response Time** | ≤ 10ms - 20ms | | **Dielectric Strength** | 2500V AC | --- ### 2. Internal Electronic Components Inside an AC-AC1-R module, several key electronic stages work together to manage power: 1. **Optocoupler (Isolation):** The input AC signal is converted into light via an LED and captured by a photo-sensitive component. This provides electrical isolation between the control circuit and the high-power load. 2. **Zero-Crossing Circuit:** A logic circuit that ensures the device only switches "ON" when the AC sine wave crosses the zero-voltage point. This minimizes electromagnetic interference (EMI) and surges. 3. **TRIAC or Dual Thyristors (SCRs):** The heavy-lifting components. They act as the "switch" that allows current to flow to the load. 4. **RC Snubber Network:** A resistor-capacitor circuit connected in parallel with the output to protect the internal silicon from voltage spikes ($dv/dt$) caused by inductive loads (like motors). --- ### 3. Wiring Configuration The device usually features four screw terminals: ```text [ CONTROL SIDE ] [ LOAD SIDE ] (Terminal 3) (Terminal 4) (Terminal 1) (Terminal 2) | | | | AC Input AC Input AC Line AC Load (80-280V) (80-280V) (L1/Hot) (To Device) ``` ### 4. Application Use Cases * **Heating Control:** Managing PID-controlled heating elements in ovens or 3D printers. * **Lighting:** Controlling large banks of incandescent or LED architectural lighting. * **Industrial Automation:** Replacing noisy magnetic contactors in PLC systems where high-speed switching is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire SSRs?
    • ⤷ How do I calculate the heat sink size required for an AC-AC1-R module?
    • ⤷ Can this module be used to control the speed of an AC motor?