データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACE1V2012-201-R

  • AI
    The **ACE1V2012-201-R** is a specific electronic component belonging to the family of **Common Mode Chokes (Filters)**. It is primarily used for EMI (Electromagnetic Interference) suppression in high-speed differential signal lines. Below is a detailed breakdown of its specifications, construction, and applications. --- ## 1. Technical Specifications The part number follows a standardized coding system (likely from manufacturers like Allied Components or similar). Here are the typical parameters for this specific model: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Common Mode Impedance** | 200 $\Omega$ (at 100MHz) | The "201" in the part number indicates $20 \times 10^1$. | | **Rated Current** | 300 mA - 400 mA | Maximum continuous current the part can handle. | | **DC Resistance (DCR)** | Max 0.30 - 0.40 $\Omega$ | Internal resistance of the windings. | | **Rated Voltage** | 50 VDC | Maximum voltage across the terminals. | | **Case Size (EIA)** | 0805 (2.0mm x 1.2mm) | The "2012" in the part number (Metric dimensions). | | **Operating Temp** | -40°C to +125°C | Standard industrial/automotive range. | --- ## 2. Component Structure The ACE1V2012 series is generally a **Wire-Wound** type common mode choke. * **Core Material:** Ferrite core, which provides high magnetic permeability to suppress high-frequency noise. * **Windings:** Two coils are wound around the same core. * **Termination:** Lead-free (RoHS compliant) solder pads for Surface Mount Technology (SMT). --- ## 3. How it Works The device acts as a filter by distinguishing between types of signals: 1. **Differential Mode (The Signal):** The magnetic fields generated by the signal current in the two wires cancel each other out, allowing the signal to pass through with minimal attenuation. 2. **Common Mode (The Noise):** Noise that travels in the same direction on both wires creates a combined magnetic field in the ferrite core. This creates high impedance, effectively "choking" the noise and preventing it from radiating or affecting the circuit. --- ## 4. Common Applications This component is typically found in interfaces where data integrity is critical: * **USB 2.0 / 3.0 Lines:** Suppressing noise in data transfer. * **IEEE1394 (Firewire):** High-speed communication ports. * **LVDS (Low Voltage Differential Signaling):** Used in display panels and automotive cameras. * **CAN-Bus:** Automotive networking where EMI environment is harsh. --- ## 5. Part Number Decoding (Typical) | ACE | 1V | 2012 | 201 | R | | :--- | :--- | :--- | :--- | :--- | | Series Code | Voltage/Type | Metric Size | Impedance Code | Packing/Revision | | Allied Common Mode | 1V = 50V Rating | 2.0 x 1.2 mm | $20 \times 10^1 = 200 \Omega$ | Tape & Reel |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a common mode choke and a standard inductor?
    • ⤷ How do I choose the correct impedance value for my circuit?
    • ⤷ Can this component be used for power supply filtering instead of signal lines?