データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACE1V2012-222-R

  • AI
    The **ACE1V2012-222-R** is a specific electronic component belonging to the family of **Common Mode Chokes** (Common Mode Filters). These are primarily used to suppress electromagnetic interference (EMI) in high-speed differential signal lines. Below is a detailed breakdown of its specifications and technical characteristics. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical properties: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **ACE** | Series Name | Common Mode Filter Series | | **1V** | Voltage Rating | Indicates the rated voltage (typically 50V) | | **2012** | Package Size | Metric 2012 (0805 in inches): 2.0mm x 1.2mm | | **222** | Impedance Value | 22 x 10² = **2200 Ω** (at 100MHz) | | **R** | Packaging/Tolerance | Usually refers to Taping & Reel packaging | --- ### 2. Key Technical Specifications Based on standard datasheets for the 2012-222 series: * **Common Mode Impedance:** 2200 Ω ± 25% (measured at 100 MHz). * **Rated Current:** Approximately 150mA to 200mA (Max). * **DC Resistance (DCR):** Max 1.2 Ω to 2.5 Ω (depending on specific manufacturer revision). * **Insulation Resistance:** 10 MΩ Minimum. * **Operating Temperature:** -40°C to +125°C. --- ### 3. Core Functionality The ACE1V2012-222-R works as a **dual-winding inductor**. It is designed to allow "Differential Signals" (wanted data) to pass through with minimal attenuation while providing high impedance to "Common Mode Noise" (unwanted interference). #### Comparison of Signal Types: 1. **Differential Mode:** Signals travel in opposite directions. The magnetic fields cancel out, allowing the signal to pass. 2. **Common Mode:** Noise travels in the same direction on both lines. The magnetic fields add up, creating high impedance that blocks the noise. --- ### 4. Typical Applications These components are found in circuits where data integrity is critical and space is limited: * **USB Lines:** Suppression of noise in USB 2.0/3.0 ports. * **CAN-Bus:** Common in automotive electronics for controller area networks. * **LVDS:** Low-voltage differential signaling for displays. * **IEEE1394:** Firewire communication lines. --- ### 5. Equivalent Circuit The internal structure consists of two coils wound around a single ferrite core. ```text Pin 1 o---(Coil 1)---o Pin 4 | | Pin 2 o---(Coil 2)---o Pin 3 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a common mode choke and a standard inductor?
    • ⤷ Can this component be used for power supply filtering instead of signal lines?
    • ⤷ Which manufacturers produce equivalents for the ACE1V2012-222-R?