データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACE1V2012-681-R

  • AI
    ## ACE1V2012-681-R Component Analysis The **ACE1V2012-681-R** is a high-performance **Common Mode Choke** (Filter) designed for signal line noise suppression, primarily in automotive and high-speed data applications. It is part of the ACE series manufactured by companies like **Allied Components International** or similar power/magnetics specialists. --- ### 1. General Specifications Based on the part numbering convention, here are the key technical parameters: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Common Mode Choke | Dual-winding filter | | **Impedance** | 680 $\Omega$ | Measured at 100 MHz | | **Tolerance** | ± 25% | Standard variation range | | **DCR (Max)** | 0.35 $\Omega$ | DC Resistance per line | | **Rated Current** | 300 mA | Maximum continuous current | | **Rated Voltage** | 50 VDC | Maximum operating voltage | | **Case Size (EIA)** | 0805 | 2.0mm x 1.2mm | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **ACE**: Series Name (Automotive Grade Common Mode Filter). * **1V**: Voltage Rating / Series Identifier. * **2012**: Physical dimensions (2.0mm length x 1.2mm width). * **681**: Impedance code. The first two digits (68) are the value, and the third (1) is the multiplier ($68 \times 10^1 = 680 \Omega$). * **R**: Packaging type (usually signifies Tape & Reel). --- ### 3. Key Electronic Functions #### A. Common Mode Noise Suppression This part is designed to eliminate "Common Mode" noise—signals that travel in the same direction on both lines—while allowing "Differential Mode" signals (the actual data) to pass through with minimal distortion. #### B. High-Frequency Impedance At 100 MHz, the device presents an impedance of 680 Ohms. This makes it highly effective at filtering out electromagnetic interference (EMI) originating from: * Switching power supplies. * Clock oscillators. * High-speed digital buses. #### C. Automotive Qualification The "ACE" series is typically **AEC-Q200 qualified**, meaning it can withstand: * Extreme temperatures (-40°C to +125°C). * High mechanical vibration. * Thermal shock. --- ### 4. Common Applications Due to its small 0805 footprint and high impedance, it is frequently used in: 1. **CAN Bus / FlexRay:** Automotive networking protocols. 2. **USB 2.0 / IEEE1394:** Filtering for data transmission lines. 3. **Ethernet Interfaces:** Noise reduction for local area networks. 4. **LVDS:** Low-voltage differential signaling for displays. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in this context?
    • ⤷ Can this component be used in power supply lines exceeding 1 Ampere?
    • ⤷ How does the impedance change as the frequency increases above 100 MHz?