データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACT05M

  • AI
    The **ACT05M** (often associated with the full part number **ACT05M-600E**) is an AC Thyristor Triac specifically designed for low-power switching applications, often found in home appliances. It is a member of the "AC Switch" family, optimized for driving loads directly from the AC mains. --- ### 1. Key Technical Specifications The ACT05M is characterized by its ability to be triggered by low-power microcontrollers while handling high-voltage AC loads. | Parameter | Value (Typical) | | :--- | :--- | | **Repetitive Peak Off-State Voltage ($V_{DRM}$)** | 600V | | **RMS On-State Current ($I_{T(RMS)}$)** | 0.5A | | **Gate Trigger Current ($I_{GT}$)** | 5mA to 10mA | | **Maximum Junction Temperature ($T_j$)** | 125°C | | **Package Type** | SOT-223 or TO-92 | --- ### 2. Functional Features * **Direct Logic Level Interface:** Its low gate trigger current ($I_{GT}$) allows it to be driven directly by 3.3V or 5V microcontrollers (MCU) without the need for an additional buffer circuit. * **High Noise Immunity:** Designed to withstand high $dV/dt$ (static $dV/dt$), which prevents false triggering in noisy electrical environments. * **Overvoltage Protection:** Many variants include internal clamping to protect the device against transient voltage spikes from inductive loads. --- ### 3. Pin Configuration (SOT-223 Package) | Pin Number | Designation | Description | | :--- | :--- | :--- | | 1 | **COM** | Common Terminal (connected to the cathode/source side) | | 2 | **OUT** | Output Terminal (connected to the load) | | 3 | **G** | Gate (Control signal input) | | 4 | **OUT** | Thermal Tab (internally connected to Pin 2) | --- ### 4. Common Applications The ACT05M is primarily used for small power AC switching where space and cost are critical factors: * **Small Home Appliances:** Controlling water valves, door locks, or fans in washing machines and dishwashers. * **Relay Replacement:** Used as a solid-state alternative to mechanical relays to reduce noise and increase lifespan. * **Lighting Control:** Dimming or switching of low-wattage LED or incandescent bulbs. --- ### 5. Application Circuit Example To use the ACT05M, a simple current-limiting resistor is placed between the MCU GPIO and the Gate pin. ```c // Conceptual Schematic Connection [MCU GPIO] --- [Resistor (e.g., 470Ω)] --- [Gate (Pin 3)] [AC Live] ------------------------------ [Load] --- [OUT (Pin 2)] [AC Neutral] ----------------------------- [COM (Pin 1)] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an ACT05M and a standard logic-level Triac?
    • ⤷ How do I calculate the gate resistor for an ACT05M powered by a 3.3V MCU?
    • ⤷ What are the thermal considerations when running the ACT05M at its full 0.5A rating?