ACT4528
AI

The **ACT4528** is a high-efficiency, wide input voltage, step-down (buck) DC/DC converter designed specifically for automotive and industrial applications. It is frequently used in USB power adapters and car chargers because it integrates multiple charging protocols.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ACT4528:
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 6V to 36V |
| **Output Current** | Up to 3.0A |
| **Switching Frequency** | 125kHz |
| **Efficiency** | Up to 91% |
| **Standby Current** | < 1mA |
| **Package Type** | SOP-8EP (Exposed Pad) |
---
## 2. Core Functional Components
The internal architecture of the ACT4528 consists of several critical electronic sections:
### A. Integrated Power MOSFET
Unlike older regulators that require an external transistor, the ACT4528 has a high-side power MOSFET built into the silicon. This reduces the PCB footprint and simplifies the thermal management design.
### B. USB Charging Controller
One of the unique features of this chip is the integrated detection logic for mobile devices. It supports:
* **BC1.2:** Battery Charging Specification 1.2.
* **Apple Support:** Automatically detects and provides the correct resistor divider profile for iPhones and iPads.
* **Samsung Galaxy:** Dedicated support for Samsung mobile charging signatures.
### C. Protection Circuitry
The chip is "ruggedized" for automotive environments through:
* **Hiccup Mode Short Circuit Protection:** If the output is shorted, the chip cycles power to prevent overheating.
* **Thermal Shutdown:** Automatically turns off if the internal junction temperature exceeds 160°C.
* **Output Over-Voltage Protection (OVP):** Prevents damaging connected smartphones if the feedback loop fails.
---
## 3. Basic Application Circuit
To function, the ACT4528 requires a few external passive components. Below is a representation of the typical setup:
```mermaid
graph LR
Vin[6V-36V Input] --> C1[Input Cap]
C1 --> ACT4528[ACT4528 IC]
ACT4528 --> L1[Inductor 33uH]
L1 --> C2[Output Cap]
C2 --> Vout[5V USB Output]
ACT4528 -.-> FB[Feedback Resistors]
```
### Component Roles:
* **Inductor (L):** Usually 33µH; stores energy during the "on" cycle.
* **Input/Output Capacitors:** Low-ESR ceramic or electrolytic capacitors to filter voltage ripple.
* **Feedback (FB) Pins:** Resistors connected here set the precise output voltage (typically 5.1V to account for cable voltage drop).
---
## 4. Advantages in Design
1. **Low Component Count:** Because the compensation and charging protocols are internal, you only need about 6–8 external parts.
2. **Cord Compensation:** It can automatically increase output voltage slightly as current increases to compensate for the resistance of long USB cables.
3. **EMI Performance:** Designed with frequency dithering to reduce electromagnetic interference, making it easier to pass automotive EMC certifications.
- ⤷
What are the main differences between the ACT4528 and the ACT4523?
- ⤷ How do you calculate the feedback resistor values for a custom output voltage?
- ⤷ What are the thermal considerations for the SOP-8EP package at 3A output?