データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACTF552B

  • AI
    The **ACTF552B** is an automotive-grade power relay designed specifically for high-current applications in vehicles. Manufactured primarily by Panasonic (formerly Matsushita), it belongs to the **Twin Relay** family, meaning it houses two separate relay units within a single compact housing. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the ACTF552B: | Feature | Specification | | :--- | :--- | | **Type** | Twin Relay (2-Form-C) | | **Nominal Voltage** | 12V DC | | **Contact Arrangement** | 1 Form C × 2 (Change-over) | | **Max. Switching Current** | 25A (at 14V DC) | | **Max. Carrying Current** | 35A (for 2 minutes) | | **Coil Resistance** | Approx. 180 $\Omega$ (Standard) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | | **Ambient Temperature** | -40°C to +85°C | --- ### 2. Internal Structure and Component Layout The ACTF552B is composed of several critical electronic and mechanical parts: * **Dual Electromagnetic Coils:** Since it is a "Twin" relay, it contains two independent copper coils. When energized, these create a magnetic field to move the armatures. * **AgSnO2 Contacts:** The contacts use Silver Tin Oxide, which is highly resistant to welding and electrical erosion, making it ideal for high-inrush motor loads. * **Molded Plastic Housing:** The outer shell is made of heat-resistant PBT (Polybutylene terephthalate) to withstand engine bay temperatures. * **PCB Terminals:** The pins are designed for through-hole mounting on printed circuit boards (PCBs). --- ### 3. Common Applications Because of its dual-relay configuration and high current capacity, it is frequently used for **reversing circuits** in automotive electronics: 1. **Power Windows:** Controlling the Up/Down movement of the glass. 2. **Power Seats:** Moving the seat forward and backward. 3. **Central Locking Systems:** Driving the actuators for locking and unlocking doors. 4. **Sunroof Controllers:** Managing the motor that opens and closes the roof panel. --- ### 4. Comparison: ACTF vs. Standard Relays | Feature | ACTF (Twin) | Standard Single Relay | | :--- | :--- | :--- | | **Space Efficiency** | High (2 units in 1) | Low (requires 2 separate housings) | | **Wiring Complexity** | Reduced (shared ground/power) | Higher | | **Weight** | Lower (optimized for cars) | Higher per unit of function | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ACTF552B and the ACTF212 models?
    • ⤷ Can the ACTF552B be used for 24V automotive systems?
    • ⤷ How do you test if the internal contacts of an ACTF552B are failing?