データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ACV-B132-R

  • AI
    The **ACV-B132-R** is a specific electronic component, typically categorized as an **Electromagnetic Valve** or **Solenoid Valve**, often used in automotive or industrial automation contexts (frequently associated with HVAC systems or fluid control). Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications The following table outlines the general electrical and mechanical parameters typically associated with this part number series: | Feature | Description | | :--- | :--- | | **Component Type** | Solenoid Valve / Electromagnetic Actuator | | **Voltage Rating** | Typically 12V DC or 24V DC (Model dependent) | | **Operating Mode** | Normally Closed (NC) or Normally Open (NO) | | **Terminal Type** | Plug-in connector / Blade terminals | | **Media** | Air, Water, or Refrigerant | | **Mounting** | Flange or Bracket mount | --- ### 2. Internal Electronic Structure The ACV-B132-R functions based on electromagnetism. Its "electronic" side consists of three primary elements: #### A. The Solenoid Coil The core of the part is a copper wire winding. When current flows through this coil, it generates a magnetic field. * **Resistance:** Usually measured in Ohms ($\Omega$). A fault is often detected if the resistance is "Open" (infinite) or "Shorted" (near zero). * **Inductance:** The coil acts as an inductor, storing energy in a magnetic field. #### B. The Plunger (Armature) A ferromagnetic rod located inside the coil. The magnetic field pulls the plunger to open or close the valve orifice. #### C. Internal Protection (Optional) High-quality versions of these valves often include: * **Flyback Diode:** To prevent voltage spikes when the coil is de-energized. * **Varistor:** For surge protection against electrical noise in industrial environments. --- ### 3. Application Schematic In an electronic circuit, the ACV-B132-R is treated as an inductive load. A typical control circuit (e.g., via an Arduino or PLC) looks like this: ```cpp // Example: Basic logic to trigger the Valve via a Relay/MOSFET void setup() { pinMode(VALVE_PIN, OUTPUT); } void loop() { digitalWrite(VALVE_PIN, HIGH); // Valve Opens delay(5000); // Stay open for 5 seconds digitalWrite(VALVE_PIN, LOW); // Valve Closes } ``` --- ### 4. Troubleshooting Electronic Failures 1. **Continuity Test:** Use a multimeter to check the resistance across the two pins. If it reads $0L$, the internal coil is burnt out. 2. **Voltage Drop:** Ensure the power supply provides the rated voltage (e.g., 12V) under load. If the voltage drops significantly when activated, the power source is insufficient. 3. **Audible Click:** A functional unit should produce a distinct mechanical "click" when power is applied, indicating the plunger is moving.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the ACV-B132-R?
    • ⤷ Is there a recommended flyback diode for this solenoid?
    • ⤷ Can this valve be controlled using PWM for variable flow?