データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD111-R

  • AI
    The **AD111-R** typically refers to a high-performance **Industrial Signal Tower (Stack Light)** or a specific **Indicator/Buzzer component** manufactured by companies like *Schneider Electric* or *IDEC* (often used in PLC control systems). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The AD111-R is primarily an **LED-based indicator unit** designed for industrial automation environments. The "R" usually denotes the color **Red**. | Feature | Specification | | :--- | :--- | | **Component Type** | LED Indicator / Pilot Light | | **Light Source** | High-intensity LED | | **Operating Voltage** | 110V - 120V AC (Standard for AD111 series) | | **Color** | Red (R) | | **Mounting Diameter** | Usually 22mm or 30mm (Standard industrial cutouts) | | **Current Consumption** | < 20mA (Low power consumption) | | **Life Expectancy** | > 50,000 hours | --- ### 2. Electronic Internal Components The internal circuitry of an AD111-R is designed to handle industrial-grade power and ensure durability against fluctuations. * **LED Array:** Unlike traditional incandescent bulbs, it uses multiple surface-mount LEDs or a single high-power LED for uniform light distribution. * **Current Limiting Resistor:** Protects the LEDs from burning out due to excessive current. * **Bridge Rectifier:** (For AC models) Converts the AC input into DC to drive the LED chips. * **Surge Protection:** Basic varistors or capacitors to prevent damage from voltage spikes common in factory power lines. * **Terminals:** Usually screw-type or plug-in terminals for secure wiring. --- ### 3. Application & Usage Electronic parts like the AD111-R are used in the following scenarios: 1. **Status Monitoring:** Indicating "Stop" or "Emergency" states in a CNC machine. 2. **Alarm Systems:** Integrated with PLCs (Programmable Logic Controllers) to signal a fault. 3. **Control Panels:** Standard user interface for operators to see the health of the system. --- ### 4. Circuit Diagram Representation In an electrical schematic, the AD111-R is represented by a standard pilot light symbol. ```mermaid graph LR L1(Power Line L1) --> S1[PLC Output Relay] S1 --> Lamp((AD111-R LED)) Lamp --> N(Neutral/L2) ```
    ✨ Follow-up Questions
    • ⤷ What are the different voltage variants available for the AD111 series?
    • ⤷ How does the AD111-R compare to incandescent indicator lights in terms of durability?
    • ⤷ Can the AD111-R be used with a PWM signal for dimming?