データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD1584BRT-R2

  • AI
    ## Technical Overview of the AD1584BRT-R2 The **AD1584BRT-R2** is a low-power, high-precision shunt mode voltage reference produced by Analog Devices. It belongs to the AD158x family, which is specifically designed to provide stable voltage outputs for high-resolution data converters and portable electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 4.096 V | | **Initial Accuracy** | ±0.1% (High Precision) | | **Temperature Coefficient** | 50 ppm/°C | | **Operating Current Range** | 65 µA to 10 mA | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-23-3 (Surface Mount) | --- ### 2. Functional Characteristics The AD1584 operates as a **shunt regulator** (similar to a Zener diode but with much higher precision). * **Precision Output:** The 4.096 V output is intentional, as it aligns perfectly with digital systems; it equates to exactly 1 mV per bit in a 12-bit Analog-to-Digital Converter (ADC). * **Low Power Consumption:** With a minimum operating current of only 65 µA, it is ideal for battery-operated devices. * **Small Footprint:** The SOT-23 package allows for high-density PCB layouts where space is at a premium. --- ### 3. Application Circuitry To use the AD1584, a series resistor ($R_S$) is required to limit the current flowing into the device. ```markdown V_in (Supply) | [ R_s ] <-- Series Resistor | +------> V_out (4.096V) | [AD1584] | GND ``` #### Calculating the Series Resistor ($R_S$): The resistor is calculated using the formula: `R_s = (V_in_min - V_out) / (I_load_max + I_q_min)` *Where $I_q$ is the minimum operating current (65 µA).* --- ### 4. Common Applications * **Data Acquisition Systems:** Providing a stable reference for ADCs and DACs. * **Portable Instrumentation:** Handheld meters and battery-powered sensors. * **Precision Regulators:** Used as a reference point for adjustable power supplies. * **Process Control:** Ensuring accuracy in industrial 4-20mA loops. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a shunt reference like the AD1584 and a series voltage reference?
    • ⤷ How do I calculate the power dissipation for the AD1584 in a circuit?
    • ⤷ Are there pin-compatible alternatives with higher temperature stability?