データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD22282-A-R2

  • AI
    ## Overview of the AD22282-A-R2 The **AD22282-A-R2** is a specialized high-performance dual-axis accelerometer designed primarily for automotive safety applications, specifically for **Supplemental Restraint Systems (SRS)** such as airbag deployment. It is part of Analog Devices' iMEMS® line. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Dual-axis (X and Y) Accelerometer | | **Measurement Range** | ±50 g (typical for crash detection) | | **Output Type** | Analog voltage (ratiometric) | | **Supply Voltage** | 4.75V to 5.25V | | **Sensitivity** | 38 mV/g to 42 mV/g (nominal 40 mV/g) | | **Package** | 8-Lead SOIC_N | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Functional Components The device integrates several critical electronic components within a single silicon die: 1. **Sensor Structure (MEMS):** * Uses polysilicon surface-micromachined structures. * Deflection of the proof mass causes a change in capacitance, which is converted to voltage. 2. **Signal Conditioning Circuitry:** * **Demodulator:** Converts the high-frequency capacitive signal into a DC level. * **Amplifier:** Scales the signal to the required sensitivity (40 mV/g). * **Low-Pass Filter:** Removes high-frequency noise and prevents aliasing before the signal reaches the vehicle's Engine Control Unit (ECU). 3. **Self-Test Circuitry:** * Allows the system to electronically simulate a force on the sensor to verify that both the mechanical and electrical parts are functioning correctly. --- ### 3. Application Use Cases The AD22282-A-R2 is engineered for reliability in harsh environments. Common implementations include: * **Frontal/Side Impact Detection:** High-g sensing to trigger airbag deployment. * **Crash Recording:** Providing data for "black box" event data recorders. * **Vibration Monitoring:** In industrial settings requiring high-g tolerance. --- ### 4. Typical Connection Diagram (Pinout) ```text Pin 1: ST (Self Test Input) Pin 2: VCC (5V Supply) Pin 3: X-OUT (X-Axis Analog Output) Pin 4: Y-OUT (Y-Axis Analog Output) Pin 5: COM (Ground) Pin 6: NC (No Connect) Pin 7: NC (No Connect) Pin 8: NC (No Connect) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD22282 and the AD22283 models?
    • ⤷ How does ratiometric output affect the precision of this sensor?
    • ⤷ What are the mounting considerations for a dual-axis MEMS accelerometer in automotive PCBs?