データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD22286-R

  • AI
    The **AD22286-R** is a high-performance, dual-axis accelerometer typically developed by Analog Devices for specialized industrial and automotive safety applications (such as airbag deployment systems or vibration monitoring). It is part of the iMEMS® (Integrated Micro-Electro-Mechanical Systems) family. --- ### 1. Technical Specifications Overview The AD22286-R is designed to measure acceleration with high precision across two axes (X and Y). | Feature | Description | | :--- | :--- | | **Type** | Dual-axis (X-Y) iMEMS Accelerometer | | **Sensing Range** | Typically high-g (e.g., ±70g or ±100g range) | | **Output Type** | Analog voltage (Proportional to acceleration) | | **Supply Voltage** | 4.75V to 5.25V (Standard 5V operation) | | **Package** | 8-Lead LCC (Leadless Chip Carrier) or SOIC | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Internal Components The device integrates mechanical and electronic parts on a single silicon chip: #### A. The MEMS Sensor (Mechanical) * **Polysilicon Structure:** Small springs suspend a mass over the silicon wafer. * **Differential Capacitance:** When acceleration is applied, the mass moves, changing the capacitance between fixed plates and the moving mass. #### B. The Signal Conditioning (Electronic) * **Demodulator:** Converts the change in capacitance into a voltage signal. * **Preamplifier:** Boosts the weak signals from the MEMS structure. * **Bessel Filter:** A low-pass filter is often integrated to remove high-frequency noise and prevent aliasing. * **Temperature Compensation:** Internal circuitry adjusts the output to ensure accuracy despite fluctuations in ambient temperature. --- ### 3. Pinout and Integration While specific pinouts can vary by package, a standard AD2228x series configuration includes: 1. **VDD:** Power supply input (5V). 2. **GND:** Ground reference. 3. **X-OUT:** Analog output representing acceleration on the X-axis. 4. **Y-OUT:** Analog output representing acceleration on the Y-axis. 5. **ST (Self-Test):** A digital input that allows the user to verify the mechanical and electrical integrity of the sensor by simulating an electrostatic force on the mass. --- ### 4. Key Applications Because of its robustness and high-g rating, the AD22286-R is primarily used in: * **Automotive Safety:** Impact sensing and airbag triggering. * **Industrial Vibration:** Monitoring heavy machinery for structural failures. * **Sports Equipment:** Measuring high-impact forces in helmets or gear. ---
    ✨ Follow-up Questions
    • ⤷What is the sensitivity (mV/g) of the AD22286-R?
    • ⤷ How does the 'Self-Test' pin function electrically?
    • ⤷ What are the recommended decoupling capacitor values for the VDD pin?