データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD2C741

  • AI
    The **AD2C741** (often categorized within the broader AD741 series) is an iconic, industry-standard **Operational Amplifier (Op-Amp)**. It is essentially a variant of the legendary $\mu$A741, designed for general-purpose analog signal processing. Below is a detailed breakdown of its electronic characteristics, internal parts, and technical specifications. --- ## 1. Internal Functional Blocks The AD2C741 is an integrated circuit consisting of several stages that allow it to amplify signals with high gain: | Block Stage | Component Role | Function | | :--- | :--- | :--- | | **Input Stage** | Differential Amplifier | Provides high input impedance and rejects common-mode noise. | | **Gain Stage** | High-gain Class A | Provides the bulk of the voltage amplification. | | **Output Stage** | Push-Pull (Class AB) | Delivers the output current to the load with low output impedance. | | **Compensation** | Internal Capacitor | Ensures frequency stability and prevents oscillations (internally compensated). | --- ## 2. Technical Specifications The "AD2C" prefix typically refers to the Analog Devices commercial temperature range packaging. ### Key Parameters: * **Supply Voltage:** $\pm$5V to $\pm$18V (Dual supply) or 10V to 36V (Single supply). * **Input Bias Current:** Approximately 80 nA. * **Open-Loop Gain:** 200,000 V/V (typical). * **Slew Rate:** 0.5 V/$\mu$s (relatively slow, suitable for low-frequency applications). * **Bandwidth:** 1 MHz (Unity Gain). * **Short Circuit Protection:** Built-in protection to prevent burnout if the output is grounded. --- ## 3. Pin Configuration (8-Pin DIP/SOIC) The standard layout for the AD2C741 is as follows: ```text +---U---+ Offset N1 | 1 8 | NC (No Connection) Inverting | 2 7 | V+ (Positive Supply) Non-Inv | 3 6 | Output V- | 4 5 | Offset N2 +-------+ ``` 1. **Offset Null (1 & 5):** Used to "zero out" small DC offset voltages. 2. **Inverting Input (2):** Signal enters here for inverted output. 3. **Non-Inverting Input (3):** Signal enters here for non-inverted output. 4. **V- / V+ (4 & 7):** Power supply rails. 5. **Output (6):** The amplified signal exit. --- ## 4. Notable Features * **No Latch-Up:** The design prevents the "latch-up" phenomenon common in older ICs when the common-mode range is exceeded. * **Internal Frequency Compensation:** Unlike the 709 series, the 741 does not require external capacitors to remain stable. * **Robustness:** It is highly resistant to electrical abuse, making it a favorite for educational purposes and basic hobbyist circuits. --- ## 5. Typical Applications * **Summing Amplifiers:** Combining multiple signals. * **Integrators/Differentiators:** Used in analog computing and wave shaping. * **Voltage Followers:** Acting as a buffer to prevent circuit loading. * **Active Filters:** Creating low-pass or high-pass filters for audio.
    ✨ Follow-up Questions
    • What is the difference between the AD2C741 and the military-grade AD741?
    • How do I use the Offset Null pins to calibrate the output?
    • What are the modern alternatives to the 741 for high-speed applications?