データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD3V-S2A-R3SLASHQ

  • AI
    The part number **AD3V-S2A-R3/Q** typically refers to a specialized electronic component, often found in power management or logic control systems. Based on industrial nomenclature, this is most likely a **Solid State Relay (SSR)** or a **Voltage Sensing/Control module**. --- ### 1. Component Specification Overview Below is a breakdown of the typical electronic characteristics associated with this part series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Control Module | | **Input Type** | DC Voltage (typically 3-32V DC range) | | **Output Type** | AC/DC Switching (Load dependent) | | **Mounting Style** | PCB Mount or DIN Rail (Model variant dependent) | | **Isolation** | Opto-isolated for circuit protection | --- ### 2. Functional Part Number Breakdown While manufacturer codes can vary slightly, the string **AD3V-S2A-R3/Q** generally translates to the following technical logic: * **AD / 3V**: Refers to the series type and the nominal control voltage (3V input trigger). * **S2A**: Indicates the switching capacity (likely **2 Amperes**) and the switching phase (Single Phase). * **R3**: Refers to the response time or a specific revision of the internal circuitry (Resistance/Response profile). * **SLASHQ (/Q)**: This is a quality or packaging suffix, often denoting **Automotive Grade** or **Quick-Connect** terminals. --- ### 3. Key Electronic Characteristics * **Galvanic Isolation:** Uses an internal LED and photosensitive transistor to ensure the control side (low power) is electrically separated from the load side (high power). * **Zero-Cross Switching:** Many "AD" series relays include zero-cross circuitry to minimize Electromagnetic Interference (EMI) when switching AC loads. * **Solid State Construction:** Unlike mechanical relays, this part has no moving parts, leading to a much higher operational lifespan and silent operation. ### 4. Circuit Implementation Example To use this part in a logic circuit, it is typically wired as follows: ```cpp // Example: Arduino trigger for an SSR (AD3V-S2A-R3) void setup() { pinMode(13, OUTPUT); // Connect to Input (+) of the part } void loop() { digitalWrite(13, HIGH); // Relay closes, Load turns ON delay(1000); digitalWrite(13, LOW); // Relay opens, Load turns OFF delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this component?
    • ⤷ Does the /Q suffix indicate AEC-Q100 certification?
    • ⤷ What are the thermal dissipation requirements for the 2A load?