データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD5259BCPZ5-R7

  • AI
    The **AD5259BCPZ5-R7** is a high-performance, non-volatile digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers in applications requiring precision, reliability, and digital control. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Resistance** | 5 kΩ | | **Resolution** | 256 Positions (8-bit) | | **Interface** | I²C Compatible | | **Memory** | Non-volatile (EEPROM) | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Temperature Range** | -40°C to +125°C | --- ## 2. Core Functional Components The device consists of several internal sub-systems that allow it to function as a digitally controlled resistor: ### A. Digital Control Logic (I²C) The chip uses a standard 2-wire I²C interface. This allows a microcontroller to write data to the RDAC (Resistor Digital-to-Analog Converter) register to change the wiper position. It also allows for reading back the current setting. ### B. EEPROM Memory Unlike volatile digital pots, the AD5259 contains internal **EEPROM**. - **Power-up Recall:** When the device is turned on, it automatically loads the wiper position stored in the EEPROM. - **Data Retention:** It can store settings for up to 100 years at 25°C. ### C. Resistor Ladder & Wiper Switches The actual resistance is created by a string of 256 precise thin-film resistors. CMOS switches connect the "Wiper" (W terminal) to different points on the resistor ladder based on the digital value stored in the RDAC register. --- ## 3. Pinout Configuration The 10-lead LFCSP package is extremely compact. Key pins include: 1. **VDD:** Positive power supply. 2. **AD0 / AD1:** Address bits (allows multiple devices on the same I²C bus). 3. **SCL / SDA:** I²C clock and data lines. 4. **A, B:** The end terminals of the potentiometer. 5. **W:** The wiper terminal. 6. **WP:** Write Protect (prevents accidental overwriting of EEPROM). --- ## 4. Typical Applications * **Mechanical Potentiometer Replacement:** In systems where manual tuning is difficult or prone to wear. * **LCD Contrast Adjustment:** Precise control of voltage levels for displays. * **Programmable Filters/Gain:** Adjusting the gain of an Op-Amp in real-time. * **Sensor Calibration:** Storing calibration offsets in the non-volatile memory during factory testing. ---
    ✨ Follow-up Questions
    • ⤷ How does the non-volatile memory (EEPROM) affect the power-up behavior compared to volatile digital pots?
    • ⤷ What are the advantages of the LFCSP package for this specific part?
    • ⤷ Can the AD5259 be used in a rheostat configuration?