データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD5625BCPZ-R2

  • AI
    ## AD5625BCPZ-R2: Product Overview The **AD5625BCPZ-R2** is a high-performance, low-power, quad-channel, 12-bit digital-to-analog converter (DAC). It is manufactured by Analog Devices and belongs to the *nano*DAC® family. It is designed to operate from a single 2.7 V to 5.5 V supply and is guaranteed monotonic by design. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | I²C Compatible (Supports Standard, Fast, and High-Speed modes) | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Pin Count** | 10-Lead | | **Output Type** | Buffered Voltage | | **Power Consumption** | 1.1 mA at 5 V (Normal Mode) | --- ### Core Internal Components 1. **Resistor String Architecture:** Unlike some DACs that use R-2R ladders, the AD5625 uses a resistor string architecture. This ensures excellent differential nonlinearity (DNL) and guarantees monotonicity. 2. **Output Amplifiers:** The device features internal precision output amplifiers that allow for rail-to-rail output swing. 3. **Power-On Reset (POR):** It includes a circuit that ensures the DAC output powers up to 0 V (or mid-scale, depending on the variant) and remains there until a valid write command occurs. 4. **Reference Input:** This specific model requires an external reference voltage to set the output range. --- ### Features and Benefits * **Per-Channel Power Down:** Each channel can be powered down independently to conserve energy. In power-down mode, the output can be connected to a high-impedance state or a specific resistor value to ground. * **LDAC Function:** The asynchronous $\overline{LDAC}$ (Load DAC) function allows all four DAC outputs to be updated simultaneously. * **Software Reset:** Provides a command to reset the device to its default power-on state without cycling the power supply. * **Small Footprint:** The 3mm x 3mm LFCSP package makes it ideal for space-constrained applications. --- ### Typical Application Circuit (Conceptual) ```c // Example pseudocode for I2C Initialization to AD5625 void write_DAC_Value(uint8_t addr, uint16_t value) { I2C_Start(); I2C_Send_Byte(addr << 1); // Device Address I2C_Send_Byte(COMMAND_WRITE_UPDATE); // Command to Write & Update DAC I2C_Send_Byte((value >> 4) & 0xFF); // MSB (First 8 bits of 12-bit data) I2C_Send_Byte((value << 4) & 0xF0); // LSB (Remaining 4 bits + padding) I2C_Stop(); } ``` --- ### Applications * **Process Control:** Precision offset and gain adjustment. * **Data Acquisition:** Portable instrumentation and battery-powered systems. * **Digital Gain and Offset Adjustment:** Fine-tuning analog signals. * **Programmable Voltage and Current Sources.**
    ✨ Follow-up Questions
    • ⤷How does the resistor string architecture compare to R-2R ladders in terms of performance?
    • ⤷ What is the difference between the AD5625 and the AD5665 models?
    • ⤷ What are the specific I2C address options for this 10-lead LFCSP package?