データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD5665BCPZ-R2

  • AI
    The **AD5665BCPZ-R2** is a high-performance, quad-channel, 16-bit digital-to-analog converter (DAC) manufactured by Analog Devices. It is part of the *nanoDAC®* family, known for its small footprint and low power consumption. --- ### ## Technical Specifications The following table summarizes the core technical parameters of the AD5665BCPZ-R2: | Parameter | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | I²C Compatible | | **Supply Voltage (VDD)** | 2.7 V to 5.5 V | | **Package** | 10-Lead LFCSP (3mm x 3mm) | | **Output Type** | Buffered Voltage | | **Power Consumption** | 0.6 mA at 5V (Normal Operation) | | **Reference** | External Reference Only | --- ### ## Key Features 1. **High Precision:** Offers 16-bit resolution with a maximum relative accuracy (INL) of ±16 LSB, making it suitable for high-precision control applications. 2. **Power-Down Mode:** Reduces current consumption to 400 nA at 5 V, which is ideal for battery-operated devices. 3. **Power-On Reset (POR):** Ensures the DAC output powers up to a known state (Zero Scale or Midscale) until a valid write occurs. 4. **LDAC Function:** Features a Load DAC (LDAC) pin that allows all four DAC outputs to be updated simultaneously. 5. **Small Form Factor:** The LFCSP package is extremely compact, saving board space in dense electronic assemblies. --- ### ## Pin Configuration Overview While the device has 10 pins, the most critical functional pins are: * **SCL/SDA:** I²C serial clock and data lines for communication. * **VREF:** The reference input pin which determines the output range. * **VOUT A–D:** The four individual analog output channels. * **ADDR:** Address pin to allow multiple devices on the same I²C bus. * **LDAC:** Hardware pin for simultaneous output updates. --- ### ## Typical Applications * **Process Control:** Fine-tuning valve positions or motor speeds. * **Data Acquisition Systems:** Providing precise offset and gain adjustments. * **Digital Gain and Offset Adjustment:** Calibrating analog signal chains. * **Programmable Voltage Sources:** Used in lab equipment or automated test equipment (ATE).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD5665 and the AD5665R versions?
    • ⤷ How do you configure the I2C address for this specific chip?
    • ⤷ What are the recommended external reference voltage options for 16-bit precision?