データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD5667BCPZ-R2

  • AI
    ## Overview of the AD5667BCPZ-R2 The **AD5667BCPZ-R2** is a high-performance, dual-channel, 16-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices, known for its small footprint and low power consumption. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 2 (Dual) | | **Interface** | I²C Compatible (Supports Standard, Fast, and High-Speed modes) | | **Supply Voltage (VDD)** | 2.7 V to 5.5 V | | **Output Type** | Buffered Voltage Output | | **Package** | 10-Lead LFCSP (3mm x 3mm) | | **Reference Type** | Internal (1.25V/2.5V) or External | | **Power Consumption** | ~1.1 mA at 5V (Normal Operation) | --- ### Core Electronic Components & Architecture The internal design of the AD5667 consists of several critical stages: 1. **I²C Interface Logic**: Handles data communication with the microcontroller. It includes an address pin to allow multiple devices on the same bus. 2. **Input Register & DAC Register**: A double-buffered architecture. This allows the user to write to the input register without immediately changing the output, and then trigger a simultaneous update of both DAC channels using the `LDAC` pin or software commands. 3. **Resistor String DAC**: The actual conversion is performed using a high-precision resistor string. This architecture ensures monotonic behavior (meaning the output voltage always increases or stays the same as the digital input increases). 4. **Output Amplifier**: An internal precision rail-to-rail buffer amplifier that allows the DAC to drive loads without significant voltage drops. 5. **Power-On Reset (POR)**: A circuit that ensures the DAC output powers up to a known state (0V) until a valid write takes place. --- ### Pin Configuration Highlights | Pin | Name | Description | | :--- | :--- | :--- | | **1** | VDD | Power supply input. | | **2** | NC | No internal connection. | | **3** | VOUTA | Analog output voltage for Channel A. | | **4** | VOUTB | Analog output voltage for Channel B. | | **5** | GND | Ground reference. | | **6** | ADDR0 | I²C Address select pin. | | **7** | SCL | I²C Serial Clock input. | | **8** | SDA | I²C Serial Data input/output. | | **9** | LDAC | Load DAC (Asynchronous update trigger). | | **10** | VREF | Reference voltage input/output. | --- ### Application Usage The AD5667 is typically used in precision environments where space is limited: * **Process Control**: Controlling valves or actuators with 16-bit precision. * **Data Acquisition**: Generating precise offset or gain adjustment voltages. * **Digital Gain and Offset Adjustment**: Calibrating sensors or analog signal chains. * **Programmable Voltage Sources**: In portable or battery-powered instrumentation. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD5667 and the AD5667R versions?
    • ⤷ How do I calculate the output voltage based on the digital input code?
    • ⤷ What is the function of the LDAC pin in this specific DAC?