データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD600JRZ-R7

  • AI
    ### Overview of the AD600JRZ-R7 The **AD600JRZ-R7** is a high-performance, dual-channel, low-noise variable gain amplifier (VGA) manufactured by Analog Devices. It is widely used in applications requiring precise signal scaling over a wide dynamic range, such as ultrasound imaging and radar. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the AD600JRZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Dual Variable Gain Amplifier (VGA) | | **Gain Range** | 0 dB to +40 dB per channel | | **Bandwidth (-3dB)** | 35 MHz | | **Input Noise** | 1.4 nV/√Hz | | **Supply Voltage (Vcc)** | ±5V (Dual Supply) | | **Slew Rate** | 275 V/µs | | **Package Type** | SOIC-16 (Small Outline Integrated Circuit) | | **Operating Temp** | -40°C to +85°C | --- ### Key Internal Components and Features The device is built using a unique architecture known as the **X-AMP® (Exponential Amplifier)**. This design provides several electronic advantages: 1. **Passive Input Attenuator**: The input signal enters a 7-stage R-2R ladder network. This acts as a continuous attenuator, ensuring that the input stage does not saturate even with large signals. 2. **Gain Control Interface**: It features a linear-in-dB control interface. For every change in control voltage (typically 20mV/dB), the gain changes exponentially, providing a smooth and predictable response. 3. **Fixed-Gain Feedback Amplifier**: The final stage is a high-speed transconductance amplifier that provides a fixed gain, resulting in a constant bandwidth regardless of the gain setting. 4. **Dual Channels**: The "JRZ" model contains two independent amplifiers, which can be cascaded to achieve a total gain of 80 dB. --- ### Pin Configuration Summary | Pin Number | Name | Description | | :---: | :--- | :--- | | 1, 16 | A1HI, A2HI | High-impedance inputs for Channel 1 and 2 | | 4, 13 | VPOS | Positive Power Supply (+5V) | | 5, 12 | VNEG | Negative Power Supply (-5V) | | 7, 10 | VOUT1, VOUT2 | Signal Outputs | | 8, 9 | GNEG, GPOS | Gain Control inputs | --- ### Common Applications * **Medical Imaging:** Time-gain control (TGC) in ultrasound machines. * **Communications:** Automatic Gain Control (AGC) circuits and high-performance IF strips. * **Instrumentation:** Signal conditioning for data acquisition systems. * **Radar:** Processing of return echoes where signal strength varies significantly over time. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD600 and the AD602 models?
    • ⤷ How does the X-AMP architecture improve signal-to-noise ratio compared to standard VGAs?
    • ⤷ Can the AD600JRZ-R7 be operated using a single-ended power supply?