データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD623BRZ-R7

  • AI
    ## Overview of AD623BRZ-R7 The **AD623BRZ-R7** is an integrated, single-supply, rail-to-rail instrumentation amplifier manufactured by **Analog Devices**. It is designed to provide high-accuracy amplification of differential signals, even in the presence of common-mode noise. --- ### Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Supply Voltage** | 2.7V to 12V (Single) / ±2.5V to ±6V (Dual) | | **Input Type** | Rail-to-Rail Input | | **Output Type** | Rail-to-Rail Output | | **Gain Range** | 1 to 1,000 (Set by a single resistor) | | **CMRR** | 110 dB (at G=100) | | **Package** | 8-Lead SOIC (Narrow Body) | | **Temperature Range** | -40°C to +85°C | --- ### Internal Components and Operation The AD623 is comprised of three internal operational amplifiers. This configuration allows for high input impedance and superior Common-Mode Rejection Ratio (CMRR). 1. **Input Stage:** Uses two op-amps to provide high input impedance, ensuring minimal loading on the signal source. 2. **Gain Setting:** The gain ($G$) is determined by an external resistor ($R_G$) connected between pins 1 and 8. The formula is: `Gain = 1 + (100 kΩ / Rg)` 3. **Output Stage:** A third op-amp converts the differential signal to a single-ended output. The output voltage is referenced to the `REF` pin, allowing for easy level shifting. --- ### Common Applications * **Medical Instrumentation:** ECG and BP monitors. * **Industrial Process Control:** Transducer interfaces (pressure, temperature). * **Precision Data Acquisition:** Interfacing low-level sensors with ADCs. * **Battery Powered Equipment:** Due to its low power consumption (max 550µA). --- ### Pinout Configuration | Pin # | Name | Function | | :--- | :--- | :--- | | 1 | **-RG** | Gain Resistor Terminal 1 | | 2 | **-IN** | Inverting Input | | 3 | **+IN** | Non-Inverting Input | | 4 | **-Vs** | Negative Supply (or Ground) | | 5 | **REF** | Reference Pin (Sets Output Offset) | | 6 | **VOUT** | Output Signal | | 7 | **+Vs** | Positive Supply | | 8 | **+RG** | Gain Resistor Terminal 2 | --- ### Implementation Code Example (Conceptual) If using this part in a system where an ADC reads the value, your calculation logic might look like this: ```python # Constants for AD623 setup v_ref = 2.5 # Reference voltage on Pin 5 r_gain = 1000 # 1k Ohm resistor between Pin 1 and 8 # Gain Formula: G = 1 + (100,000 / Rg) gain = 1 + (100000 / r_gain) def calculate_input_differential(v_out): # Differential Input = (Vout - Vref) / Gain v_diff = (v_out - v_ref) / gain return v_diff print(f"Calculated Gain: {gain}") ```
    ✨ Follow-up Questions
    • ⤷How do I calculate the specific resistor value for a gain of 50?
    • ⤷ What is the difference between the AD623 and the AD620?
    • ⤷ How does the rail-to-rail feature benefit low-voltage designs?