データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD628ARZ-R7

  • AI
    ## Overview of the AD628ARZ-R7 The **AD628ARZ-R7** is a high-performance, differential amplifier manufactured by **Analog Devices**. It is specifically designed to handle high common-mode voltages while extracting small differential signals, making it ideal for current sensing and signal conditioning in harsh industrial environments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Difference Amplifier | | **Common-Mode Voltage Range** | ±120 V (Continuous) | | **Supply Voltage (Single)** | 3 V to 18 V | | **Supply Voltage (Dual)** | ±1.5 V to ±9 V | | **Gain Range** | 0.1 to 100 (Adjustable) | | **Bandwidth** | 600 kHz | | **Package** | 8-SOIC (Small Outline Integrated Circuit) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Parts The AD628 is not a standard operational amplifier; it is a specialized **Difference Amplifier** architectural block. Its internal design consists of: 1. **High-Voltage Input Attenuator:** The input stage uses a precise resistor network that scales down high-voltage signals (up to ±120V) so they can be processed by standard low-voltage circuitry. 2. **Precision Differential Amplifier:** A low-drift, high-impedance amplifier that subtracts the common-mode noise and amplifies the differential signal. 3. **Reference Buffer:** Allows the user to offset the output voltage. This is critical for interfacing with Single-Supply Analog-to-Digital Converters (ADCs). 4. **Feedback Resistors:** The "ARZ" version features laser-trimmed resistors to ensure high Common-Mode Rejection Ratio (CMRR). --- ### 3. Application Use-Cases The AD628ARZ-R7 is commonly found in the following electronic systems: * **High-Side Current Sensing:** Measuring current across a shunt resistor connected to a high-voltage rail. * **Motor Control:** Monitoring phase currents in industrial motors. * **Battery Management Systems (BMS):** Measuring individual cell voltages in high-voltage battery stacks. * **Isolation Interface:** Providing a non-isolated bridge between high-voltage power electronics and low-voltage microcontrollers. --- ### 4. Part Number Breakdown Understanding the suffix `ARZ-R7`: * **AD628**: The base model number. * **A**: Performance grade (Standard). * **R**: Package type (SOIC). * **Z**: RoHS Compliant (Lead-free). * **R7**: 7-inch Tape and Reel packaging (usually containing 1,000 units). --- ### 5. Simple Connection Diagram (Conceptual) ```text +120V Line ---[ R_input ]---+---( - ) | AD628 ( Output )---> ADC/MCU Load ---[ R_input ]---+---( + ) | [ V_ref ] ```
    ✨ Follow-up Questions
    • ⤷ How does the AD628 handle common-mode voltages up to 120V with only a 15V supply?
    • ⤷ What is the difference between the AD628 and a standard Instrumentation Amplifier like the AD620?
    • ⤷ How do you calculate the gain for an AD628 circuit?