データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD644

  • AI
    ## Overview of the AD644 The **AD644** is a high-performance, dual, BiFET (Bipolar Field-Effect Transistor) operational amplifier. It is specifically designed to provide high precision and low noise while maintaining a very high input impedance. It is essentially a dual version of the industry-standard AD640 series or a matched pair of AD544 op-amps. --- ### Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Input Bias Current** | 10 pA (max) | | **Offset Voltage** | 0.5 mV (max for L grade) | | **Slew Rate** | 13 V/µs | | **Bandwidth** | 2 MHz | | **Quiescent Current** | 2.5 mA per amplifier | | **Supply Voltage Range** | ±5V to ±18V | --- ### Internal Electronic Architecture The AD644 combines two distinct semiconductor technologies to achieve its performance: 1. **JFET Input Stage:** * The use of Junction Field-Effect Transistors at the input provides extremely low bias currents (picoampere range). * This makes it ideal for interfacing with high-impedance sensors where loading effects must be minimized. 2. **Bipolar Output Stage:** * The output circuitry uses bipolar transistors to ensure high gain, stability, and the ability to drive various loads without significant signal degradation. 3. **Laser Wafer Trimming:** * During manufacturing, the resistors on the chip are trimmed using a laser. This process ensures very low offset voltage and low offset drift without the need for external nulling components. --- ### Pin Configuration (Standard 8-Pin DIP/TO-99) The device typically follows the standard dual op-amp pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Output A | Output of the first amplifier | | 2 | -In A | Inverting input of the first amplifier | | 3 | +In A | Non-inverting input of the first amplifier | | 4 | V- | Negative power supply | | 5 | +In B | Non-inverting input of the second amplifier | | 6 | -In B | Inverting input of the second amplifier | | 7 | Output B | Output of the second amplifier | | 8 | V+ | Positive power supply | --- ### Typical Applications Because of its high precision and high input impedance, the AD644 is commonly used in: * **Photodiode Preamplifiers:** Converting small currents from light sensors into measurable voltages. * **Precision Filters:** Active filters where high input impedance prevents circuit loading. * **Sample-and-Hold Circuits:** Where low leakage current is critical to maintaining capacitor charge. * **Instrumentation:** Signal conditioning for medical or scientific sensors. ---
    ✨ Follow-up Questions
    • What are the main differences between the JFET and Bipolar stages in a BiFET op-amp?
    • How does laser wafer trimming improve the accuracy of the AD644?
    • In what scenarios would you choose the AD644 over a standard CMOS op-amp?