データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD737JRZ-R7

  • AI
    ## AD737JRZ-R7: Technical Overview The **AD737JRZ-R7** is a low-power, precision monolithic True RMS-to-DC converter manufactured by Analog Devices. It is designed to provide the RMS value of complex AC (or AC + DC) input signals. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD737JRZ-R7: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC / DC Coupled | | **Supply Voltage (Dual)** | ±2.5 V to ±8 V | | **Supply Voltage (Single)** | +2.8 V to +16.5 V | | **Supply Current** | 160 µA (Typical) | | **Bandwidth (3dB)** | 190 kHz (at 200mV RMS) | | **Error (Total)** | ±0.2 mV ± 0.3% of Reading | | **Package Type** | 8-Lead SOIC_N | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The internal architecture consists of four main functional stages that allow it to compute the Root Mean Square: 1. **High Impedance Input Stage:** Allows the chip to interface with high-resistance sources without loading the signal. 2. **Absolute Value Circuit (Rectifier):** Converts the input signal into its absolute value. 3. **Squarer/Divider Core:** The heart of the chip that performs the mathematical squaring and division required for the RMS calculation. 4. **Output Buffer:** Provides a low-impedance DC output proportional to the RMS value of the input. --- ### 3. Features and Advantages * **True RMS Measurement:** Unlike "average responding" converters, the AD737 calculates the heating power of a waveform, making it accurate for square waves, triangle waves, and noisy signals. * **Low Power Consumption:** With a typical draw of only 160 µA, it is ideal for battery-powered handheld multimeters and remote sensors. * **High Input Impedance:** The $10^{12} \Omega$ input impedance minimizes signal distortion. * **Power-Down Feature:** The device can be put into a standby mode to further conserve energy. --- ### 4. Typical Application Circuit In a standard configuration, the AD737 requires minimal external components, primarily an averaging capacitor ($C_{avg}$) to determine the settling time and low-frequency accuracy. ``` Input Signal ----> [ Pin 2: High Z In ] | [ AD737 Core ] <---- [ Pin 1: Cavg (Capacitor to V+) ] | Output DC <---- [ Pin 6: Output ] ``` --- ### 5. Common Applications * **Portable Instrumentation:** Handheld digital multimeters (DMMs). * **Power Monitors:** Measuring true power consumption in AC lines. * **Audio Equipment:** Level indicators and compressors. * **Panel Meters:** Industrial display units for voltage/current monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD737 and the AD736 models?
    • ⤷ How do I calculate the value for the averaging capacitor (Cavg)?
    • ⤷ Can the AD737JRZ-R7 handle high-voltage AC inputs directly?