AD7440BRT-R2
AI

## Overview of AD7440BRT-R2
The **AD7440BRT-R2** is a high-speed, low-power, 10-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC). Manufactured by Analog Devices, it is designed to operate from a single 2.7 V to 5.25 V power supply and features a throughput rate up to 1 MSPS (Mega Sample Per Second).
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 10-Bit |
| **Throughput Rate** | Up to 1 MSPS |
| **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) |
| **Input Type** | Differential |
| **Power Consumption** | ~3 mW (at 1 MSPS, 3V supply) |
| **Package Type** | SOT-23 (6-lead) |
| **Supply Voltage** | 2.7 V to 5.25 V |
---
### Key Electronic Components & Features
1. **SAR Architecture:**
The core of the AD7440 is a Successive Approximation Register. This architecture is highly efficient for medium resolution (10-bit) and high speed, offering low latency compared to Pipeline or Sigma-Delta ADCs.
2. **Differential Analog Input:**
Unlike single-ended ADCs, the AD7440 features a fully differential analog input. This allows for:
* Better common-mode rejection.
* Reduction of noise pickup.
* Increased dynamic range.
3. **Low Power Management:**
The device is designed for power efficiency. It automatically powers down between conversions, meaning the power consumption scales directly with the throughput rate.
4. **Serial Interface:**
It uses a 3-wire serial interface. The conversion process and data acquisition are controlled using `CS` (Chip Select) and `SCLK` (Serial Clock).
---
### Pin Configuration (SOT-23)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | $V_{DD}$ | Power Supply (2.7V to 5.25V) |
| 2 | $GND$ | Ground Reference |
| 3 | $V_{IN+}$ | Positive Analog Input |
| 4 | $V_{IN-}$ | Negative Analog Input |
| 5 | $SCLK$ | Serial Clock Input |
| 6 | $SDATA$ | Serial Data Output (Synchronized to SCLK) |
---
### Application Use Cases
* **Battery-Powered Systems:** Due to its low power "sleep" modes.
* **Data Acquisition:** High-speed sampling for sensors.
* **Motor Control:** Fast feedback loops for position or current sensing.
* **Communications:** Signal processing in portable radio equipment.
- ⤷
How does the AD7440 handle reference voltage compared to other ADCs?
- ⤷ What are the timing requirements for the SCLK signal in this device?
- ⤷ Can you provide a code snippet for interfacing the AD7440 with an Arduino or STM32?