データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD7452BRT-R2

  • AI
    ## Overview of the AD7452BRT-R2 The **AD7452BRT-R2** is a high-speed, low-power, 12-bit Successive Approximation Register (SAR) Analog-to-Digital Converter (ADC). It is manufactured by Analog Devices and is specifically designed for high-speed data acquisition with differential inputs. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Throughput Rate** | Up to 555 kSPS (at 5V) | | **Input Type** | Differential | | **Interface** | Serial (SPI/QSPI/DSP Compatible) | | **Supply Voltage** | 2.7V to 5.25V | | **Power Consumption** | 3.6 mW (at 3V, 555 kSPS) | | **Package** | 8-lead SOT-23 | --- ### 2. Functional Architecture The AD7452 operates based on the SAR architecture, which is highly efficient for medium-to-high speed conversions. * **Differential Inputs:** Unlike single-ended ADCs, the AD7452 accepts a fully differential analog input ($V_{IN+}$ and $V_{IN-}$). This provides superior common-mode rejection and reduces the impact of noise. * **No Pipeline Delay:** As a SAR ADC, it has no latency, making it ideal for single-shot or multiplexed applications. * **Power Management:** The device automatically powers down after a conversion, making it highly efficient for battery-operated devices. The power scales linearly with the throughput rate. --- ### 3. Pin Configuration (8-Lead SOT-23) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **REF** | External Reference Input (defines the input range). | | 2 | **$V_{IN+}$** | Positive Analog Input. | | 3 | **$V_{IN-}$** | Negative Analog Input. | | 4 | **GND** | Ground reference for the circuit. | | 5 | **CS** | Chip Select (Active Low) - starts conversion and frames data. | | 6 | **SCLK** | Serial Clock Input - provides the clock for conversion and data transfer. | | 7 | **SDATA** | Serial Data Output - 12-bit conversion result. | | 8 | **$V_{DD}$** | Power Supply Input. | --- ### 4. Typical Applications Because of its small footprint (SOT-23) and low power consumption, the AD7452 is frequently used in: * **Transducer Interfaces:** Converting analog sensor data to digital. * **Battery-Powered Systems:** Handheld instruments and remote sensors. * **Data Acquisition:** High-speed logging where space is limited. * **Communications:** Modems and signal processing. --- ### 5. Implementation Example (Pseudo-Code) Below is a conceptual example of how a microcontroller might interface with the AD7452 via a standard SPI-like protocol: ```cpp // Pseudocode for reading AD7452 uint16_t read_ADC() { uint16_t raw_data = 0; digitalWrite(CS_PIN, LOW); // Start Conversion // Read 16 bits (AD7452 typically outputs leading zeros + 12-bit data) raw_data = SPI.transfer16(0x0000); digitalWrite(CS_PIN, HIGH); // End Conversion / Power Down // Process the 12-bit value (masking leading zeros/control bits) uint16_t result = (raw_data & 0x0FFF); return result; } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD7452 and the AD7450?
    • ⤷ How do I calculate the input voltage range based on the REF pin?
    • ⤷ What are the PCB layout recommendations for noise reduction with this ADC?