AD7674AST
AI

## Technical Overview of the AD7674AST
The **AD7674AST** is a high-performance, 18-bit, 800 kSPS, Charge Redistribution SAR (Successive Approximation Register) Analog-to-Digital Converter (ADC). It is manufactured by Analog Devices and belongs to the **PulSAR®** family.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 18-Bit |
| **Throughput Rate** | 800 kSPS (Sampling Mode) |
| **Interface** | Parallel and Serial (SPI/QSPI/MICROWIRE/DSP compatible) |
| **Input Type** | Differential |
| **Signal-to-Noise Ratio (SNR)** | 100 dB typical |
| **Total Harmonic Distortion (THD)** | -110 dB |
| **Power Consumption** | 120 mW @ 800 kSPS |
| **Package** | 48-Lead LQFP (Low-profile Quad Flat Pack) |
---
### 2. Functional Architecture
The AD7674 is designed with a specific architecture to ensure high precision and high speed:
* **SAR Core:** Uses a capacitive DAC to determine the digital output, eliminating the pipeline delay found in other ADC types.
* **Internal Clock:** It features an onboard conversion clock, so the timing of the conversion process is handled internally once triggered.
* **Reference Buffer:** While it requires an external reference (typically 2.5V or 5V), it includes a buffer to minimize the impact on the driving circuitry.
* **Digital Interface:** The `AST` suffix denotes the package type. The device supports a versatile interface that can operate at 3.3V or 5V logic levels.
---
### 3. Pin Configuration Categories
The 48 pins of the AD7674AST are categorized into four main functional blocks:
1. **Analog Inputs:** `IN+` and `IN-` pins for differential signal acquisition.
2. **Power Supply:**
* `AVDD`: Analog Supply (+5V).
* `DVDD`: Digital Supply (+5V).
* `OVDD`: Digital Output Driver Supply (2.7V to 5.25V).
3. **Control Pins:**
* `CNVST`: Convert Start (Initiates the sampling process).
* `BUSY`: Output indicating a conversion is in progress.
* `SER/PAR`: Selects between Serial or Parallel interface.
4. **Data Pins:** `D[17:0]` for parallel data output or `SDOUT` for serial data.
---
### 4. Typical Applications
Due to its high bit depth (18-bit) and speed, the AD7674AST is commonly used in:
* **Medical Imaging:** MRI and CT scan data acquisition.
* **High-Speed Data Acquisition:** Industrial process control and automation.
* **Instrumentation:** Spectrum analyzers and high-end multimeters.
* **Digital Beamforming:** Advanced radar and communication systems.
---
- ⤷
What are the main differences between the AD7674 and the AD7671?
- ⤷ How do you calculate the LSB size for an 18-bit ADC with a 5V reference?
- ⤷ Can you provide a basic wiring diagram for the AD7674 in serial mode?