データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8002ARZ-R7

  • AI
    ## Technical Overview of AD8002ARZ-R7 The **AD8002ARZ-R7** is a high-performance, dual, current feedback operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high speed, low power consumption, and excellent video performance. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Current Feedback Op-Amp | | **Channels** | Dual (2 Amplifiers) | | **Bandwidth (-3 dB)** | 600 MHz ($G = +1$) | | **Slew Rate** | 1200 V/µs | | **Settling Time** | 10 ns to 0.1% | | **Supply Current** | 5.0 mA per amplifier | | **Output Current** | 70 mA | | **Package Type** | SOIC-8 (N-8) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Description * **Current Feedback Architecture:** Unlike standard voltage feedback amplifiers, the AD8002 uses current feedback. This allows for a nearly constant bandwidth regardless of the gain, making it ideal for high-speed signals. * **Low Power Consumption:** Despite its high speed, it draws only 50 mW per amplifier on a ±5V supply, which is critical for dense PCB designs where thermal management is a concern. * **Video Performance:** It features a very low differential gain (0.01%) and differential phase (0.02°), ensuring high-quality signal reproduction in video broadcasting and imaging equipment. --- ### 3. Pin Configuration (SOIC-8) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | OUTPUT 1 | Output of the first amplifier | | 2 | -IN 1 | Inverting input of the first amplifier | | 3 | +IN 1 | Non-inverting input of the first amplifier | | 4 | -Vs | Negative supply voltage | | 5 | +IN 2 | Non-inverting input of the second amplifier | | 6 | -IN 2 | Inverting input of the second amplifier | | 7 | OUTPUT 2 | Output of the second amplifier | | 8 | +Vs | Positive supply voltage | --- ### 4. Common Applications * **Video Line Drivers:** Driving coaxial cables and broadcast equipment. * **High-Speed Filters:** Active filtering for high-frequency data paths. * **ADC Buffers:** Driving the inputs of high-speed Analog-to-Digital Converters. * **Instrumentation:** High-speed measurement and data acquisition systems. --- ### 5. Part Number Breakdown: AD8002ARZ-R7 * **AD8002:** Base Model Number. * **A:** Temperature range grade. * **R:** Package type (R = SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (R7 = 7-inch Tape and Reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷How does current feedback differ from voltage feedback in terms of stability?
    • ⤷ What are the power supply requirements for the AD8002ARZ-R7?
    • ⤷ Can you provide a basic schematic for a non-inverting gain configuration using this chip?