データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8014ART-R2

  • AI
    ## Overview of the AD8014ART-R2 The **AD8014ART-R2** is a high-speed, current feedback amplifier manufactured by Analog Devices. It is specifically designed to provide high performance while maintaining low power consumption, making it ideal for portable or battery-powered high-frequency applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Current Feedback Operational Amplifier | | **Bandwidth (-3 dB)** | 480 MHz ($G = +1$) | | **Slew Rate** | 460 V/µs | | **Supply Voltage Range** | +5V to ±6V | | **Quiescent Current** | 1.15 mA (per amplifier) | | **Output Current** | 50 mA | | **Package Type** | SOT-23-5 | --- ### 2. Core Functional Features * **High Speed with Low Power:** The AD8014 achieves a 400 MHz bandwidth ($G = +2$) while drawing very little current, which is a rare combination in high-speed op-amps. * **Current Feedback Architecture:** Unlike traditional voltage feedback amplifiers, the current feedback design allows for a relatively constant bandwidth regardless of the closed-loop gain. * **Low Distortion:** It offers low harmonic distortion, which is critical for maintaining signal integrity in communication systems. * **Fast Settling Time:** It features a settling time of 18 ns to 0.1%, making it suitable for driving Analog-to-Digital Converters (ADCs). --- ### 3. Application Areas 1. **Video Electronics:** Used in video line drivers, switchers, and distribution amplifiers due to its high bandwidth and low differential gain/phase errors. 2. **ADC Buffering:** Acting as a buffer for high-speed ADCs to ensure the input signal is stable and low-noise. 3. **Communication Systems:** Ideal for IF/RF gain stages and active filters. 4. **Portable Devices:** Used in handheld instrumentation where battery life and high-frequency performance are both priorities. --- ### 4. Circuit Implementation Example When designing with the AD8014, the feedback resistor ($R_f$) is critical. Unlike voltage feedback op-amps, the value of $R_f$ directly impacts the stability and bandwidth of the current feedback amplifier. ```python # Example: Calculating Gain for a Non-Inverting Configuration # Vout = Vin * (1 + Rf / Rg) Rf = 1000 # Typical feedback resistor in Ohms Rg = 1000 # Gain resistor in Ohms Gain = 1 + (Rf / Rg) print(f"The calculated Voltage Gain is: {Gain}") ``` --- ### 5. Part Number Breakdown (AD8014ART-R2) * **AD8014:** The base model number. * **A:** Performance grade. * **RT:** Package designator (SOT-23). * **R2:** Packaging format (typically refers to a 7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the specific stability requirements for the feedback resistor in the AD8014?
    • ⤷ How does the AD8014 compare to the AD8011 in terms of power consumption?
    • ⤷ Can the AD8014 be used in a single-supply configuration for automotive applications?