データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8027ARTZ-R2

  • AI
    ## Technical Overview of the AD8027ARTZ-R2 The **AD8027ARTZ-R2** is a high-speed, low-noise, voltage feedback amplifier manufactured by Analog Devices. It belongs to a family of rail-to-rail input and output (RRIO) operational amplifiers designed for low voltage, high-speed signal processing applications. --- ### Core Specifications The following table summarizes the primary electrical characteristics of the AD8027: | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 190 MHz (at G = +1) | | **Slew Rate** | 100 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V (Single) or ±1.35 V to ±6 V (Dual) | | **Input Voltage Noise** | 4.3 nV/√Hz | | **Output Current** | 120 mA | | **Settling Time** | 25 ns to 0.1% | | **Package Type** | SOT-23-6 (6-lead Small Outline Transistor) | --- ### Key Internal Features 1. **Selective Input Stage (Crossover Distortion Mitigation):** Unlike standard RRIO op-amps that suffer from crossover distortion when the input signal moves between the NPN and PNP input stages, the AD8027 allows the user to select the input stage (using the `SELECT` pin) or utilizes an internal circuitry to minimize offset voltage shifts. 2. **High Output Drive:** With a 120 mA output current capability, it can drive heavy capacitive loads or low-impedance lines (like video cables) without significant signal degradation. 3. **Low Power Consumption:** Despite its high speed, it draws only approximately 6.5 mA of quiescent current, making it suitable for portable or battery-powered high-speed instrumentation. --- ### Pin Configuration (SOT-23-6) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | V_OUT | Output of the amplifier | | 2 | V_NEG | Negative supply (or Ground) | | 3 | +IN | Non-inverting input | | 4 | -IN | Inverting input | | 5 | SELECT | Input stage selection (NPN or PNP) | | 6 | V_POS | Positive supply | --- ### Typical Applications * **ADC Drivers:** Buffering signals for high-speed Analog-to-Digital Converters. * **Video Electronics:** Driving video cables and filters. * **Optical Networking:** Use in photodiode transimpedance amplifiers. * **Active Filters:** High-order filters requiring high GBW (Gain Bandwidth Product). --- ### Usage Example: Non-Inverting Buffer ```python # Theoretical calculation for a non-inverting gain setup # Gain (G) = 1 + (Rf / Rg) Rf = 499 # Ohms Rg = 499 # Ohms Gain = 1 + (Rf / Rg) # Result: Gain = 2 ```
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the SELECT pin in the AD8027ARTZ-R2?
    • ⤷ How does the rail-to-rail input feature benefit low-voltage designs?
    • ⤷ What are the thermal considerations for the SOT-23-6 package when driving 120mA?