データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8030ARJZ-R2

  • AI
    ### Overview of the AD8030ARJZ-R2 The **AD8030ARJZ-R2** is a high-speed, dual-channel, rail-to-rail input and output operational amplifier manufactured by **Analog Devices**. It is designed for low power consumption and high performance in compact electronic circuits. --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8030ARJZ-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 125 MHz | | **Slew Rate** | 60 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V | | **Supply Current (per amp)** | 1.3 mA | | **Output Current** | 170 mA | | **Input/Output Type** | Rail-to-Rail | | **Package / Case** | SOT-23-8 | --- ### Core Electronic Features 1. **Rail-to-Rail Performance:** Both the input and output stages can swing to within millivolts of the supply rails. This maximizes the dynamic range, which is critical in low-voltage (e.g., 3.3V or 5V) systems. 2. **High Output Drive:** Despite its small size and low quiescent current, it can provide up to **170 mA** of output current. This makes it suitable for driving heavy capacitive loads or low-impedance lines. 3. **Low Power Consumption:** At only **1.3 mA per amplifier**, it is highly efficient for battery-powered applications requiring high-speed signal processing. 4. **Low Distortion:** It maintains signal integrity with low harmonic distortion, which is essential for high-fidelity audio or sensor buffering. --- ### Pin Configuration (SOT-23-8) While the physical layout is small, the standard pinout for this dual op-amp package is typically: * **Pin 1:** Output A * **Pin 2:** Inverting Input A * **Pin 3:** Non-inverting Input A * **Pin 4:** Negative Supply ($V_{EE}$ or Ground) * **Pin 5:** Non-inverting Input B * **Pin 6:** Inverting Input B * **Pin 7:** Output B * **Pin 8:** Positive Supply ($V_{CC}$) --- ### Typical Applications * **Battery-Powered Instrumentation:** Due to low current draw. * **Video Buffering:** High bandwidth allows for standard definition video signals. * **ADC Drivers:** High speed and rail-to-rail input make it ideal for driving Analog-to-Digital Converters. * **Optical Network Control Loops:** Used in precision photodiode amplification. --- ### Ordering Information Detail The suffix **-R2** specifically refers to the packaging format: * **ARJZ:** Indicates the SOT-23 package and temperature grade. * **R2:** Indicates a **7-inch reel** containing 250 units (smaller quantity reel compared to R7 or RL).
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8030 and the AD8031/AD8032 variants?
    • ⤷ How does the settling time of the AD8030 impact high-speed ADC sampling?
    • ⤷ What are the thermal considerations for the SOT-23-8 package when driving 170mA?