データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8031ART-R2

  • AI
    ## Overview of the AD8031ART-R2 The **AD8031ART-R2** is a high-speed, voltage feedback amplifier manufactured by **Analog Devices**. It is designed to operate on a single supply and offers rail-to-rail input and output capabilities. This specific part belongs to the AD8031/AD8032 family (single/dual versions). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Voltage Feedback | | **Number of Channels** | 1 (Single) | | **Bandwidth (-3dB)** | 80 MHz | | **Slew Rate** | 30 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V | | **Supply Current** | 800 µA (Typical) | | **Input/Output Type** | Rail-to-Rail | | **Package Type** | SOT-23-5 | --- ### Core Features and Functionality 1. **High Speed with Low Power:** It achieves an 80 MHz bandwidth while consuming less than 1 mA of quiescent current, making it ideal for battery-operated devices. 2. **Rail-to-Rail Input/Output:** - The **Input Stage** can handle signals slightly beyond the supply rails without phase reversal. - The **Output Stage** can swing within millivolts of the supply rails, maximizing the dynamic range. 3. **Low Distortion:** It maintains high signal integrity, which is crucial for driving Analog-to-Digital Converters (ADCs). --- ### Pin Configuration (SOT-23-5) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Amplifier Output | | 2 | **V-** | Negative Supply (or Ground) | | 3 | **+IN** | Non-inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **V+** | Positive Supply | --- ### Common Applications * **ADC Buffering:** Used as an interface between sensors and high-speed ADCs. * **Active Filters:** High-speed filter designs where low power is required. * **Portable Instrumentation:** Due to the low current draw and small SOT-23 footprint. * **Battery Powered Systems:** Ideal for handheld medical or industrial devices. --- ### Naming Convention Breakdown * **AD8031:** The base model number (Single Channel). * **ART:** Indicates the package style (SOT-23). * **R2:** Typically refers to the reel size or packing method (e.g., 7-inch reel with a specific quantity).
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8031 and AD8032?
    • ⤷ How does the rail-to-rail input stage prevent phase reversal?
    • ⤷ Can this op-amp be used for driving capacitive loads?