データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8031ARTZ-R2

  • AI
    ## AD8031ARTZ-R2: High-Speed, Rail-to-Rail I/O Op Amp The **AD8031ARTZ-R2** is a high-performance, low-power, voltage feedback operational amplifier (op amp) manufactured by Analog Devices. It is specifically designed to provide high speed and rail-to-rail input/output capabilities while consuming very little current. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8031ARTZ-R2: | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 80 MHz | | **Slew Rate** | 30 V/µs | | **Supply Current** | 800 µA (Typical per amplifier) | | **Input Range** | Rail-to-Rail | | **Output Range** | Rail-to-Rail | | **Supply Voltage Range** | 2.7 V to 12 V (Single) or ±1.35 V to ±6 V (Dual) | | **Settling Time (0.1%)** | 125 ns | | **Package Type** | SOT-23-5 | --- ### 2. Core Features * **Rail-to-Rail Performance:** Both the input stage and output stage can handle signals that reach the positive and negative supply rails. This is critical for low-voltage systems (e.g., 3.3V) to maintain maximum dynamic range. * **Low Power Consumption:** Despite its 80 MHz bandwidth, it draws only about 800 µA, making it ideal for battery-operated portable devices. * **High Speed:** The 30 V/µs slew rate and fast settling time allow it to be used in pulsed applications and high-speed signal conditioning. * **Input Bias Current:** It maintains a low input bias current, reducing errors in high-impedance sensor circuits. --- ### 3. Part Number Breakdown: AD8031ARTZ-R2 | Segment | Meaning | | :--- | :--- | | **AD8031** | Base Model Number (Single Channel Op Amp) | | **A** | Performance Grade / Temperature Range (-40°C to +85°C) | | **RT** | Package Code for SOT-23 | | **Z** | RoHS Compliant (Lead-free) | | **R2** | Packing Method (7-inch Reel, 250 units) | --- ### 4. Typical Applications * **ADC Buffering:** Driving the inputs of high-speed Analog-to-Digital Converters. * **Portable Instrumentation:** Medical monitors and handheld testing equipment where power is limited. * **Active Filters:** Creating high-frequency filters with low power overhead. * **Optical Receivers:** Used in the transimpedance stage for photodiode amplification. --- ### 5. Implementation Example Below is a simple representation of how to configure the AD8031 as a non-inverting buffer for a 3.3V system. ```python # Pinout Configuration (SOT-23-5) Pin_1 = "Output" Pin_2 = "V- (Ground)" Pin_3 = "Non-Inverting Input (+)" Pin_4 = "Inverting Input (-)" Pin_5 = "V+ (+3.3V)" # Design Tip: # Place a 0.1uF ceramic decoupling capacitor as close # as possible to Pin 5 to ensure stability. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8031 (single) and AD8032 (dual) versions?
    • ⤷ How does the rail-to-rail input stage handle common-mode voltage limits?
    • ⤷ What is the stability profile of this op amp when driving capacitive loads?