データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8057ARTZ-R2

  • AI
    ## AD8057ARTZ-R2: Overview and Technical Specifications The **AD8057ARTZ-R2** is a high-speed, low-cost voltage feedback amplifier manufactured by Analog Devices. It is designed to offer a balance between high performance (bandwidth and slew rate) and low power consumption, making it ideal for video and communication applications. --- ### Core Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Voltage Feedback Operational Amplifier | | **Bandwidth (-3 dB)** | 325 MHz | | **Slew Rate** | 1150 V/µs | | **Settling Time** | 22 ns (to 0.1%) | | **Supply Voltage Range** | 3 V to 12 V (Single or Dual Rail) | | **Supply Current** | 6.0 mA per amplifier | | **Output Current** | 60 mA | | **Package Type** | SOT-23-5 | --- ### Key Features * **High Speed:** With a 325 MHz bandwidth and a massive 1150 V/µs slew rate, this part excels at handling fast pulse signals without significant distortion. * **Low Distortion:** It maintains high signal integrity, which is critical for driving Analog-to-Digital Converters (ADCs). * **Single Supply Operation:** It can operate on a single 5V supply, which is common in modern digital systems, while still providing a wide output swing. * **Compact Form Factor:** The "ARTZ" suffix denotes the SOT-23 package, which is essential for space-constrained PCB designs. --- ### Pin Configuration (SOT-23-5) In the SOT-23-5 package, the pinout is typically standard for a single op-amp: 1. **Output:** Signal output. 2. **V- (or Ground):** Negative power supply or ground. 3. **+Input:** Non-inverting input. 4. **-Input:** Inverting input. 5. **V+:** Positive power supply. --- ### Common Applications 1. **Imaging Systems:** Used in ultrasound and photodiode preamps. 2. **Video Electronics:** Driving coaxial cables and buffering composite video signals. 3. **ADC Buffering:** Acting as an interface between a sensor signal and a high-speed ADC to ensure low impedance and fast settling. 4. **Optical Networking:** Pulse amplification and clock recovery circuits. --- ### Decoding the Part Number: AD8057ARTZ-R2 * **AD8057:** The base model number for this specific high-speed amplifier. * **A:** Performance grade (Standard). * **RT:** Package code for SOT-23. * **Z:** RoHS compliant (Lead-free). * **R2:** Reel size/Quantity (Typically indicates a 7-inch reel with 250 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8057 compare to the AD8058 dual-amplifier version?
    • ⤷ What are the specific decoupling capacitor requirements for this high-speed op-amp?
    • ⤷ Can this part be used for driving 75-ohm video cables?