データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8066ARZ-R7

  • AI
    ## Overview of the AD8066ARZ-R7 The **AD8066ARZ-R7** is a high-performance, dual-channel, voltage feedback amplifier developed by Analog Devices. It belongs to the **FastFET™** family, which combines the speed of bipolar transistors with the high input impedance of FETs (Field-Effect Transistors). --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | FET Input / Voltage Feedback | | **Number of Channels** | Dual (2) | | **Bandwidth (-3dB)** | 145 MHz | | **Slew Rate** | 180 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Voltage Supply Range** | 5V to 24V (±2.5V to ±12V) | | **Output Type** | Rail-to-Rail | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | --- ### 2. Core Features * **FastFET Technology:** This proprietary process allows for high speed and low noise while maintaining extremely low input bias currents (picoampere range). * **Low Noise:** It offers a low voltage noise of **7 nV/√Hz** at 10 kHz and low current noise, making it ideal for precision sensors. * **Rail-to-Rail Output:** This feature maximizes the dynamic range, especially in low-voltage portable applications. * **Wide Supply Range:** Its ability to operate up to 24V allows it to be used in high-voltage industrial systems as well as standard 5V circuits. --- ### 3. Pin Configuration (8-SOIC) The device follows the standard dual op-amp pinout: 1. **OUTPUT A:** Output of the first amplifier. 2. **-IN A:** Inverting input of the first amplifier. 3. **+IN A:** Non-inverting input of the first amplifier. 4. **V-:** Negative supply voltage. 5. **+IN B:** Non-inverting input of the second amplifier. 6. **-IN B:** Inverting input of the second amplifier. 7. **OUTPUT B:** Output of the second amplifier. 8. **V+:** Positive supply voltage. --- ### 4. Typical Applications The AD8066ARZ-R7 is versatile and used in high-speed, high-precision environments: * **Photodiode Preamps:** Due to the ultra-low input bias current. * **Filters:** High-speed active filters and buffers. * **Data Acquisition:** Driving ADC (Analog-to-Digital Converter) inputs. * **Professional Audio:** High-fidelity signal processing where low distortion is required. --- ### 5. Packaging Suffix Meaning * **ARZ:** Indicates the 8-lead SOIC package and RoHS compliance (Lead-Free). * **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8066 and the AD8065?
    • ⤷ How does FastFET technology improve performance over standard JFET op-amps?
    • ⤷ What considerations are needed when using the AD8066 to drive high-speed ADCs?