データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8067ART-R2

  • AI
    ## AD8067ART-R2: High-Speed FastFET™ Operational Amplifier The **AD8067ART-R2** is a high-performance, voltage-feedback operational amplifier developed by Analog Devices. It belongs to the **FastFET™** family, which combines the high input impedance of a FET-input stage with the speed and precision of advanced bipolar technology. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8067ART-R2: | Parameter | Specification | | :--- | :--- | | **Input Type** | FET (Field-Effect Transistor) | | **Bandwidth (-3dB)** | 54 MHz | | **Slew Rate** | 640 V/µs | | **Supply Voltage Range** | 5V to 24V (±2.5V to ±12V) | | **Input Bias Current** | 1 pA (typical) | | **Quiescent Current** | 6.6 mA | | **Package / Case** | SOT-23-5 | | **Output Type** | Rail-to-Rail | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific variant: * **AD8067**: The base model number for this specific high-speed FET op-amp. * **ART**: Refers to the **SOT-23-5** package type (surface mount). * **R2**: Refers to the packaging format, typically a **7-inch reel** containing 250 units (used for smaller production runs or prototyping). --- ### 3. Core Features and Advantages 1. **High Speed & Slew Rate:** With a 640 V/µs slew rate, it can handle rapid signal transitions with minimal distortion, making it ideal for pulse processing. 2. **Ultra-Low Input Bias Current:** Because of the FET input stage (approx. 1pA), it is excellent for applications where source impedance is very high, as it won't load the signal source. 3. **Low Noise:** It offers low voltage noise (6.6 nV/√Hz) and extremely low current noise (0.6 fA/√Hz), providing a high signal-to-noise ratio. 4. **Wide Supply Range:** It can operate on single or dual supplies up to 24V, offering flexibility for industrial and automotive designs. --- ### 4. Typical Applications The AD8067 is commonly utilized in circuits requiring high precision and high speed: * **Photodiode Preamps:** Converting low-level currents from light sensors into measurable voltages. * **Precision Filters:** High-order active filters where frequency response must remain flat. * **Data Acquisition:** Driving high-speed Analog-to-Digital Converters (ADCs). * **Instrumentation:** Medical and scientific equipment requiring high input impedance. --- ### 5. Pin Configuration (SOT-23-5) ```text _______ OUT |1 5| V+ V- |2 | +IN |3 4| -IN ------- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8067 and the AD8065?
    • ⤷ How does the FET input improve performance in photodiode circuits?
    • ⤷ What is the recommended layout practice to minimize parasitic capacitance for this chip?