データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8099ACPZ-R2

  • AI
    ## Technical Overview: AD8099ACPZ-R2 The **AD8099ACPZ-R2** is an ultra-low noise, high-speed voltage feedback operational amplifier developed by Analog Devices. It is specifically designed for applications requiring high precision and high frequency, such as communications and medical instrumentation. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics that define the performance of this component: | Parameter | Specification | | :--- | :--- | | **Architecture** | Voltage Feedback | | **Bandwidth (-3 dB)** | 3.8 GHz (at G = +10) | | **Slew Rate** | 1350 V/µs | | **Voltage Noise** | 0.95 nV/√Hz | | **Settling Time** | 18 ns to 0.1% | | **Supply Voltage Range** | 5 V to 12 V (Single or Dual) | | **Operating Current** | 15 mA (Typical) | | **Package Type** | LFCSP-8 (3mm x 3mm) | --- ### 2. Core Features & Functional Components The AD8099 is unique because it bridges the gap between low noise and high speed, which are often mutually exclusive in op-amp design. * **Ultra-Low Noise:** At **0.95 nV/√Hz**, it provides one of the lowest noise profiles in the industry, making it ideal for weak signal amplification. * **External Compensation:** The chip includes a compensation pin (COMP) that allows the user to optimize the bandwidth and stability for specific gain settings. * **Disable/Power-Down Mode:** It features a disable pin that reduces power consumption when the amplifier is not in use, which is critical for heat management in dense PCB layouts. * **Advanced Lead Frame:** The **ACPZ** suffix indicates a Lead Frame Chip Scale Package (LFCSP), which offers excellent thermal dissipation and low parasitic inductance. --- ### 3. Pin Configuration (LFCSP-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | FB | Feedback connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Supply | | 5 | COMP | External Compensation | | 6 | OUT | Output | | 7 | V+ | Positive Supply | | 8 | DISABLE | Disable/Power-Down Control | --- ### 4. Typical Applications Because of its high speed and low distortion, the AD8099 is commonly used in: 1. **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters to maintain signal integrity. 2. **Ultrasound Pre-amps:** Capturing low-level signals from medical transducers. 3. **Active Filters:** Designing wideband filters with high Q-factors. 4. **Optical Receivers:** Converting current to voltage in high-speed transimpedance applications. --- ### 5. Part Number Breakdown `AD8099` | `A` | `CPZ` | `R2` ---|---|---|--- **Model Number** | **Performance Grade** | **Package Style** | **Packaging Type** Base Product | Standard Grade | LFCSP (Lead-Free) | 7" Tape & Reel (250 units)
    ✨ Follow-up Questions
    • ⤷ How do I calculate the external compensation capacitor for a specific gain?
    • ⤷ What are the PCB layout recommendations to minimize parasitic capacitance for this chip?
    • ⤷ How does the AD8099 compare to the AD8000 in terms of noise performance?