データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8128ACPZ-R7

  • AI
    ## Overview of AD8128ACPZ-R7 The **AD8128ACPZ-R7** is a high-speed, differential receiver and equalizer specifically designed for compensated transmission of high-resolution video over Unshielded Twisted Pair (UTP) cables (like Cat5/Cat6). It is manufactured by Analog Devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Receiver / Equalizer | | **Bandwidth** | 380 MHz | | **Equalization Range** | Up to 300 meters (1000 ft) of Cat5 cable | | **Supply Voltage** | +4.5V to ±5.5V | | **Power Consumption** | Low (approx. 24 mA) | | **Package** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Components The AD8128 consists of several critical electronic stages that allow it to restore signals degraded by long cable runs: * **Differential Receiver:** Converts the differential signal (carried over the twisted pair) back into a single-ended signal while providing high common-mode rejection (CMRR). * **Variable Equalizer:** This is the core "smart" part of the chip. High-frequency signals attenuate faster than low-frequency signals over copper wire. This stage applies a frequency-dependent gain to "flatten" the response. * **VPEAK Control:** It features a control pin where a DC voltage can be applied to adjust the amount of high-frequency boost required based on the length of the cable. * **Output Driver:** A high-speed buffer capable of driving standard video loads (75$\Omega$). --- ### 3. Pin Configuration (Summary) | Pin Name | Function | | :--- | :--- | | **INP / INN** | Differential Inputs (Positive and Negative) | | **VPEAK** | Voltage input to control the equalization level | | **VOUT** | Single-ended video output | | **V+ / V-** | Power supply pins | | **GND** | Ground reference | --- ### 4. Applications The AD8128 is commonly used in the following scenarios: 1. **KVM (Keyboard-Video-Mouse) Extenders:** Sending VGA/RGB signals over long distances. 2. **Digital Signage:** Distributing video to monitors in large facilities using inexpensive network cabling. 3. **Security/CCTV:** Transmitting analog surveillance video over existing building wiring. --- ### 5. Implementation Example When designing a PCB with the AD8128, the control of the `VPEAK` pin is usually handled by a DAC or a simple potentiometer to tune the image clarity. ```c // Example: Conceptual Logic for Digital Control of Equalization void set_equalization(int distance_meters) { float voltage = calculate_vpeak_voltage(distance_meters); DAC_Write(CHANNEL_A, voltage); // This voltage adjusts the AD8128 frequency boost } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable length supported by the AD8128 for high-definition video?
    • ⤷ How does the VPEAK pin influence the frequency response curve?
    • ⤷ What are the recommended power supply decoupling techniques for this high-speed IC?