データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8132ARZ-R7

  • AI
    ## AD8132ARZ-R7: Technical Overview The **AD8132ARZ-R7** is a high-speed, differential-to-differential (or single-ended-to-differential) amplifier manufactured by Analog Devices. It is widely used for driving high-resolution Analog-to-Digital Converters (ADCs) and transmitting signals over twisted-pair cables. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Bandwidth (-3 dB)** | 350 MHz | | **Slew Rate** | 1200 V/µs | | **Supply Voltage** | 2.7V to 11V (Single or Dual) | | **Supply Current** | 10.7 mA | | **Package** | 8-Lead SOIC (Small Outline IC) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Functional Components The AD8132 differs from standard operational amplifiers due to its unique internal architecture designed for balanced signals: 1. **Dual Feedback Loops:** Unlike standard op-amps, it features two feedback loops that control the differential and common-mode output voltages independently. 2. **VOCM Pin (Common-Mode Control):** This pin allows the user to set the output common-mode voltage level. This is critical when interfacing with ADCs that require a specific DC offset at their inputs. 3. **Internal Resistors:** While external resistors define the gain, the internal structure is optimized for high balance, minimizing harmonic distortion. --- ### 3. Application Use Cases The AD8132 is primarily used in high-speed signal chains: * **ADC Driver:** It converts single-ended signals (like from a sensor) into differential signals required by high-speed ADCs (e.g., 10-bit to 14-bit converters). * **Differential Line Driver:** Used to send signals over Category 5 (Cat5) or twisted-pair cables with high noise immunity. * **Active Filtering:** Can be configured as a differential low-pass or band-pass filter. --- ### 4. Part Number Breakdown: AD8132ARZ-R7 | Suffix | Meaning | | :--- | :--- | | **AD8132** | Base model number for the Differential Amplifier. | | **A** | Performance grade (standard temperature/spec range). | | **R** | Package code for SOIC (Small Outline Integrated Circuit). | | **Z** | RoHS Compliant (Lead-Free). | | **R7** | Packaging format: 7-inch Tape and Reel (usually 1,000 units). | --- ### 5. Circuit Implementation Example To configure the AD8132 for a gain of 1, the following basic connection is used: ```text Input (+) ----[ Rf ]----+---- Output (-) | | Input (-) ----[ Rg ]----+---- Output (+) *Rf = Feedback Resistor *Rg = Gain Resistor *VOCM = Connected to Vref/2 of ADC ```
    ✨ Follow-up Questions
    • ⤷ How does the VOCM pin improve ADC performance?
    • ⤷ What are the advantages of using the AD8132 over a standard op-amp in differential circuits?
    • ⤷ What is the maximum output current the AD8132 can drive?