データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8134ACP-R2

  • AI
    ### Overview of the AD8134ACP-R2 The **AD8134ACP-R2** is a high-speed, differential-to-differential and single-ended-to-differential ADC driver/amplifier manufactured by Analog Devices. It is specifically designed for driving high-resolution analog-to-digital converters (ADCs) and for high-speed signal processing in video and communication systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Differential ADC Driver / Video Amp | | **Bandwidth (-3 dB)** | 450 MHz | | **Slew Rate** | 1150 V/µs | | **Supply Voltage** | 4.5V to 12V (Dual or Single) | | **Supply Current** | 31 mA (Typical) | | **Harmonic Distortion** | -94 dBc @ 1 MHz | | **Package** | 24-Lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The AD8134 consists of three independent differential amplifiers. It is uniquely engineered to provide a low-cost solution for converting single-ended or differential signals to differential outputs, which are essential for minimizing noise in high-speed systems. #### Core Features: * **Triple Differential Driver:** Ideal for RGB (Red, Green, Blue) video signals or YPbPr component video. * **Common-Mode Control:** It features a specific $V_{OCM}$ pin that allows the user to set the output common-mode voltage independently of the input. This is critical for matching the input requirements of high-speed ADCs. * **Internal Gain:** The device is typically pre-configured for a fixed gain (usually $G=2$), providing stability without the need for external resistors in many applications. --- ### 3. Application Areas The AD8134 is widely utilized in the following sectors: 1. **Video Distribution:** Driving signals over Unshielded Twisted Pair (UTP) cables (like Cat5/Cat6). 2. **ADC Interfacing:** Acting as a buffer/driver for high-speed ADCs to ensure signal integrity. 3. **Differential Signal Processing:** Converting standard single-ended consumer electronics signals into balanced differential signals for long-distance transmission. --- ### 4. Pin Configuration and Packaging The `ACP` suffix indicates a **Lead Frame Chip Scale Package (LFCSP)**, and `R2` refers to the reel size (usually a small 7-inch reel for 250 units). ```c // Simplified Pin Representation [ 1-6 ] -> Input Pins (Positive/Negative for 3 channels) [ 7-12] -> Power and Common-Mode Control (VCC, VEE, VOCM) [13-18] -> Output Pins (Differential Outputs) [19-24] -> Enable/Disable and Feedback Pins ``` --- ### 5. Advantages vs. Disadvantages | Advantages | Disadvantages | | :--- | :--- | | Extremely high slew rate prevents signal lag. | High power consumption (31mA). | | Excellent CMRR (Common Mode Rejection Ratio). | Requires careful PCB layout due to high frequency. | | Integrated gain reduces component count. | Sensitive to thermal fluctuations if not grounded. |
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for the LFCSP package to ensure thermal stability?
    • ⤷ How does the VOCM pin help in matching the AD8134 to a specific ADC?
    • ⤷ Can the AD8134 be used for signals other than RGB video?