データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8137YCPZ-R2

  • AI
    ## AD8137YCPZ-R2: Overview and Technical Specifications The **AD8137YCPZ-R2** is a high-speed, low-cost differential amplifier developed by Analog Devices. It is specifically designed to drive high-resolution Analog-to-Digital Converters (ADCs) and handle differential signals in power-sensitive applications. --- ### 1. Key Features and Functions The AD8137 is part of a class of amplifiers known as **Fully Differential Amplifiers (FDA)**. Its primary role is to convert single-ended signals to differential signals or to amplify existing differential signals while maintaining high signal integrity. | Feature | Specification / Value | | :--- | :--- | | **Bandwidth (-3 dB)** | 110 MHz | | **Slew Rate** | 450 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V (Single or Dual) | | **Supply Current** | 3.2 mA (Low Power) | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Output Type** | Rail-to-Rail | --- ### 2. Internal Architecture & Pinout The device features a unique internal feedback mechanism that allows the user to set the output common-mode voltage independently of the input signal. * **V_ocm Pin:** This pin allows the user to define the "center point" of the output voltage swing. This is crucial for matching the input range of modern ADCs. * **Differential Inputs/Outputs:** It utilizes two inputs and two outputs to suppress common-mode noise and double the dynamic range compared to single-ended designs. --- ### 3. Common Applications Due to its high speed and low power consumption, the AD8137YCPZ-R2 is commonly found in: 1. **ADC Drivers:** Driving 10-bit to 12-bit ADCs in communication systems. 2. **Differential Line Drivers:** Used for transmitting signals over twisted-pair cables. 3. **Active Filters:** Implementing differential filter topologies. 4. **Signal Level Shifting:** Moving signals from a negative-referenced ground to a positive-referenced ADC input. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in sourcing and replacement: | Segment | Meaning | | :--- | :--- | | **AD8137** | Base Model Number | | **Y** | Temperature Range (-40°C to +125°C) | | **CPZ** | Package (LFCSP) and RoHS Compliant (Lead-Free) | | **R2** | Reel size (7-inch reel, 250 units) | --- ### 5. Schematic Implementation Example To set a gain of 1 ($G=1$) with a single-ended input, the wiring typically looks like this: ```text Input (+) ----[ 1k Ohm ]----+----( -IN ) ( +OUT )---- Output (+) | | | +----[ 1k Ohm ]-------+ (Feedback) Input (-) ----[ 1k Ohm ]----+----( +IN ) ( -OUT )---- Output (-) | | | +----[ 1k Ohm ]-------+ (Feedback) ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the AD8137 and the higher-performance AD8138?
    • ⤷ How do you calculate the feedback resistors for a specific gain on this amplifier?
    • ⤷ What are the PCB layout considerations for the LFCSP package to ensure thermal stability?