データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8141ACPZ-R7

  • AI
    ## Overview of the AD8141ACPZ-R7 The **AD8141ACPZ-R7** is a high-speed, triple differential driver designed specifically for driving high-resolution video signals over twisted-pair cables (like Cat-5). It is manufactured by Analog Devices and is widely used in KVM (Keyboard-Video-Mouse) applications and professional video distribution systems. --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8141ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Triple Differential Driver | | **Bandwidth (-3 dB)** | 270 MHz | | **Slew Rate** | 1050 V/µs | | **Supply Voltage (Single)** | 4.5V to 12V | | **Supply Voltage (Dual)** | ±2.25V to ±6V | | **Operating Current** | 28 mA (Typical) | | **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### Functional Breakdown #### 1. Triple Driver Architecture The "Triple" designation means the chip contains three independent channels. In video applications, these are typically used for: * **Red (R)** * **Green (G)** * **Blue (B)** * *Alternatively: Y, Pb, Pr (Component Video)* #### 2. Fully Differential Output The device converts single-ended input signals into differential outputs. This is crucial for noise immunity, as differential signaling allows common-mode noise picked up along a long cable to be canceled out at the receiver. #### 3. High Slew Rate & Bandwidth With a **270 MHz bandwidth** and a **1050 V/µs slew rate**, the AD8141 can handle high-definition video standards (UXGA resolution) without significant signal degradation or "ghosting." #### 4. Sync-on-Common Mode A unique feature of this family is the ability to embed horizontal and vertical synchronization signals into the common-mode voltage of the differential pairs. This saves the need for extra wires to carry sync data. --- ### Application Circuit Example When integrating the AD8141, the input is usually terminated to match the source, and the output is coupled to a twisted pair. ```c // Pseudo-representation of Signal Path [Video Source (RGB)] --> [AD8141 Inputs] | V [Differential Transformation] | V [Cat-5/Twisted Pair] <-- [AD8141 Outputs] ``` --- ### Typical Use Cases * **KVM Extenders:** Sending computer video over long distances. * **Video Distribution:** Digital signage and professional AV routing. * **Security/CCTV:** Transmitting high-quality analog surveillance video over structured wiring.
    ✨ Follow-up Questions
    • ⤷What is the difference between AD8141 and AD8142?
    • ⤷ How does 'Sync-on-Common Mode' work in this chip?
    • ⤷ What are the PCB layout recommendations for the LFCSP package to handle high-speed signals?