データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8146ACPZ-R2

  • AI
    ## Technical Overview of the AD8146ACPZ-R2 The **AD8146ACPZ-R2** is a high-speed, triple differential driver designed by Analog Devices. It is primarily used for transmitting high-resolution video signals (RGB or YPbPr) over unshielded twisted pair (UTP) cables, such as Category 5 (Cat5). --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Channels** | 3 (Triple Driver) | | **Bandwidth (-3 dB)** | 700 MHz (G=+1) | | **Slew Rate** | 3000 V/µs | | **Differential Gain Error** | 0.05% | | **Differential Phase Error** | 0.05° | | **Operating Supply Voltage** | 4.5V to 12V (Total) | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | --- ### 2. Core Functional Features * **High-Speed Performance:** With a 700 MHz bandwidth and massive slew rate, it can handle high-definition video resolutions up to UXGA without signal degradation. * **Common-Mode Sync Extraction:** The device includes circuitry to extract or embed sync signals onto the common-mode voltage of the differential pairs, saving extra wires. * **Adjustable Gain:** It features internal gain settings (typically set to 2) to compensate for the 6 dB loss associated with series-terminated transmission lines. * **Enable/Disable Pins:** Allows for power-down modes to conserve energy when the driver is not in use. --- ### 3. Pin Configuration & Application The AD8146 is typically paired with a differential receiver (like the AD8143 or AD8145) at the other end of the cable. #### Typical Application Circuit Concept ```python # Simplified Signal Path Representation [Video Source (RGB)] -> [AD8146 Driver] -> [Cat5/UTP Cable] -> [AD8145 Receiver] ``` #### Common Use Cases: 1. **KVM (Keyboard-Video-Mouse) Extenders:** Sending PC video signals over long distances. 2. **Digital Signage:** Distributing high-quality video across commercial buildings. 3. **Video Surveillance:** Analog HD transmission over inexpensive networking cables. --- ### 4. Advantages of using AD8146 * **Cost Efficiency:** Using Cat5 cables is significantly cheaper than using three separate coaxial cables for RGB signals. * **Noise Immunity:** Since it is a differential driver, it has high common-mode rejection, making it resistant to EMI/RFI interference over long distances. * **Small Footprint:** The 4x4mm LFCSP package allows for very dense PCB designs. ---
    ✨ Follow-up Questions
    • How does the common-mode sync extraction work in the AD8146?
    • What are the power consumption characteristics of this IC?
    • Can the AD8146 be used for digital signals like HDMI over Cat5?