データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8147ACPZ-R7

  • AI
    The **AD8147ACPZ-R7** is a high-speed, triple differential driver designed by Analog Devices. It is specifically engineered for transmitting high-resolution video signals over twisted-pair cables (like Cat5/Cat6). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Triple Differential Driver (High Speed) | | **Bandwidth (-3 dB)** | 780 MHz | | **Slew Rate** | 3000 V/µs | | **Settling Time** | 4 ns to 0.1% | | **Operating Voltage** | +5V to ±5V | | **Package Type** | LFCSP-24 (4mm x 4mm) | | **Common-Mode Control** | Adjustable via Vocm pin | --- ### 2. Functional Description The AD8147 serves as the interface between single-ended video sources (like RGB signals) and differential transmission lines. * **Triple Channels:** It contains three independent drivers, making it ideal for RGB (Red, Green, Blue) or YPbPr component video. * **Differential Output:** It converts single-ended input signals into balanced differential outputs. This provides high immunity to electromagnetic interference (EMI) and crosstalk. * **Common-Mode Management:** The device includes a dedicated circuit to control the output common-mode voltage, which is essential for maintaining signal integrity over long cable runs. * **Fast Slew Rate:** The 3000 V/µs slew rate allows the chip to handle high-definition transitions without blurring or ghosting. --- ### 3. Pinout and Internal Logic The **LFCSP-24** package is designed for thermal efficiency and low inductance. ```c // Conceptual Signal Flow [Single-ended Input (R)] --> [Differential Driver] --> [Vout+, Vout-] [Single-ended Input (G)] --> [Differential Driver] --> [Vout+, Vout-] [Single-ended Input (B)] --> [Differential Driver] --> [Vout+, Vout-] ^ ^ | | [Enable Pin] [Common-Mode Ref] ``` --- ### 4. Applications This part is commonly found in professional AV equipment and industrial monitoring systems: 1. **KVM (Keyboard, Video, Mouse) Extenders:** Sending VGA/DVI signals over long distances. 2. **Digital Signage:** Distributing high-res content in malls or airports. 3. **Security/CCTV:** Transmitting high-quality analog video over UTP (Unshielded Twisted Pair). --- ### 5. Part Number Breakdown * **AD8147:** Base model number. * **ACPZ:** **A** (Temperature range), **CP** (LFCSP Package), **Z** (RoHS Compliant/Lead-Free). * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ How does the AD8147 compare to the AD8148 in terms of gain?
    • ⤷ What is the recommended termination impedance for the differential outputs?
    • ⤷ Does this chip require a dual power supply for standard 5V operation?