データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8148ACPZ-R7

  • AI
    ## Overview of AD8148ACPZ-R7 The **AD8148ACPZ-R7** is a high-speed, differential-to-differential receiver and driver manufactured by Analog Devices. It is specifically designed to transmit high-resolution video signals over long distances using twisted-pair cables (like Cat5 or Cat6). ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 700 MHz | | **Slew Rate** | 1200 V/µs | | **Configuration** | Triple (3 Channels) | | **Input Type** | Differential | | **Output Type** | Differential | | **Voltage Supply** | 5V to 12V (Single or Dual) | | **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) | --- ### 2. Functional Description The AD8148 is commonly used in **KVM (Keyboard, Video, Mouse)** extensions and professional video distribution systems. Its primary electronic functions include: * **Triple Differential Driver:** It contains three independent channels, perfect for handling RGB (Red, Green, Blue) or component video signals simultaneously. * **Fixed Gain:** It typically operates with a fixed gain of G = 4, which is optimized to compensate for the signal loss inherent in driving long cables. * **Common-Mode Control:** It features a dedicated pin to set the output common-mode voltage, allowing for easy interfacing with various ADCs or transmission standards. * **Sync Stripping/Insertion:** Some variants in this family allow for the embedding of synchronization signals into the common-mode voltage of the differential pairs to save wire pairs. --- ### 3. Pin Configuration & Application The **LFCSP-24** package is designed for thermal efficiency and high-frequency performance. #### Typical Application Circuit Example: ```c // Conceptual Signal Path [Video Source] -> [AD8148 Driver] -> [Cat5 Cable] -> [AD8145 Receiver] ``` #### Application Areas: 1. **Digital Signage:** Sending HD video to remote monitors. 2. **Security/CCTV:** Transmitting high-bandwidth analog video over inexpensive UTP cables. 3. **KVM Switches:** Extending computer interfaces over long distances. --- ### 4. Part Number Breakdown: AD8148ACPZ-R7 * **AD8148:** The base model number. * **A:** Temperature grade (usually -40°C to +85°C). * **CP:** Refers to the LFCSP (Lead Frame Chip Scale Package). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch reel (indicates the tape and reel packaging for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the differences between AD8148 and AD8147?
    • ⤷ How do I calculate the power dissipation for this IC in a high-speed design?
    • ⤷ What is the recommended layout strategy for the LFCSP-24 package to minimize noise?