データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8205WYRZ-R7

  • AI
    The **AD8205WYRZ-R7** is a high-performance, single-supply difference amplifier designed primarily for sensing differential voltages in the presence of high common-mode voltages. It is a popular choice in automotive and industrial power control systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8205WYRZ-R7: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Amplifier Type** | Difference / Current Sense | | **Gain** | Fixed at 20 V/V | | **Common-Mode Voltage Range** | -2 V to +65 V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Supply Voltage** | 4.5 V to 5.5 V | | **Bandwidth** | 50 kHz | --- ### 2. Functional Description The AD8205 is specifically engineered to handle bidirectional current sensing. It uses a unique architecture that allows it to amplify a small differential signal (from a shunt resistor) even when the voltage on those lines is far above the supply voltage. #### Core Features: * **High Common-Mode Rejection:** It can reject large voltage swings on the input lines, ensuring the output only reflects the current passing through the shunt. * **Reference Inputs:** It features two reference pins ($V_{REF}1$ and $V_{REF}2$). By applying specific voltages to these pins, the user can offset the output voltage to allow for both forward and reverse current measurements. * **Automotive Qualified:** The "W" in the part number indicates it is AEC-Q100 qualified, making it suitable for under-the-hood automotive applications. --- ### 3. Application Use Cases This part is commonly found in circuits requiring precision monitoring of high-side or low-side current: 1. **Motor Control:** Measuring phase currents in BLDC motors. 2. **Transmission Control:** Monitoring solenoid currents for gear shifting. 3. **Battery Management (BMS):** Tracking charge and discharge cycles. 4. **Power Steering:** Sensing torque and motor load. --- ### 4. Part Number Breakdown: `AD8205WYRZ-R7` | Suffix | Meaning | | :--- | :--- | | **AD8205** | Base Model Number | | **W** | Automotive Grade (AEC-Q100) | | **Y** | Temperature Range (-40°C to +125°C) | | **RZ** | RoHS Compliant, SOIC Package | | **R7** | 7-inch Tape and Reel (Packaging method) | ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the VREF pins for bidirectional current sensing?
    • ⤷ What is the maximum differential input voltage the AD8205 can handle before saturation?
    • ⤷ Can this IC be used for low-side sensing
    • ⤷ and what are the benefits?