データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8205YRZ-R7

  • AI
    ## AD8205YRZ-R7: Technical Overview The **AD8205YRZ-R7** is a high-performance, single-supply differential amplifier designed by Analog Devices. It is primarily used for **current sensing** in the presence of high common-mode voltages. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the AD8205YRZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Difference Amplifier | | **Gain** | Fixed at 20 V/V | | **Supply Voltage** | 4.5 V to 5.5 V | | **Common-Mode Voltage Range** | -2 V to +65 V | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | | **Bandwidth** | 50 kHz | --- ### 2. Functional Description The AD8205 is specifically engineered to amplify small differential voltages (typically across a shunt resistor) while rejecting large common-mode voltages. * **Input Stage:** It features a unique input structure that allows the input common-mode voltage to swing well above the supply voltage ($V_{CC}$) and even slightly below ground. * **Offset Adjustment:** It includes internal resistors that allow for bidirectional current sensing by offsetting the output voltage using the reference pins ($V_{REF}1$ and $V_{REF}2$). * **Filtering:** The device is designed to handle the harsh electrical environments of automotive and industrial applications, including EMI and high-frequency noise. --- ### 3. Pin Configuration The device comes in an 8-pin SOIC package. Below is the functional mapping: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | $-IN$ | Inverting Input | | 2 | $GND$ | Ground | | 3 | $V_{REF}2$ | Reference Input 2 | | 4 | $NC$ | No Connection | | 5 | $OUT$ | Output Voltage | | 6 | $V_{S}$ | Supply Voltage (5V) | | 7 | $V_{REF}1$ | Reference Input 1 | | 8 | $+IN$ | Non-Inverting Input | --- ### 4. Typical Applications The AD8205YRZ-R7 is widely utilized in systems where precision current monitoring is required under high voltage stress: * **Automotive:** Motor control (EPS), transmission control, and fuel injection. * **Industrial:** Solenoid control, DC-DC converters, and power supply monitoring. * **Battery Management:** Sensing charge/discharge currents in high-voltage battery packs. --- ### 5. Part Number Breakdown * **AD8205:** Base Model Number. * **Y:** Temperature Grade (-40°C to +125°C). * **RZ:** RoHS Compliant SOIC Package. * **R7:** 7-inch Tape and Reel (Packaging format).
    ✨ Follow-up Questions
    • ⤷ How do you configure the VREF pins for bidirectional current sensing?
    • ⤷ What is the maximum input offset voltage for the AD8205?
    • ⤷ Can this part be used for high-side sensing in 48V automotive systems?